Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

ERJ1GEYJ Datasheet(PDF) 1 Page - Panasonic Semiconductor

No. de Pieza. ERJ1GEYJ
Descripción  Thick Film Chip Resistors
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo 

ERJ1GEYJ Datasheet(HTML) 1 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
E
1
R
2
J
3
3
4
G
5
E
6
Y
7
J
8
1
9
0
10
2
11
V
12
Thick Film
Chip Resistors
Product Code
Size, Power Rating
1GE : 0201
2GE : 0402
3GE : 0603
6GE : 0805
8GE : 1206
14 : 1210
12 : 1812
12Z : 2010
1T : 2512
0.05 W
0.063 W
0.1 W
0.125 W
0.25 W
0.25 W
0.5 W
0.5 W
1W
Power R.
Marking
Code
Y
]Nil
Marking
Value Marking on
black side
No marking
Resistance Tolerance
Code
J
0
Tolerance
± 5%
Jumper
The first two digits are significant figures of resistance and
the third one denotes number of zeros following. Decimal
Point is expressed by R as 4.7 = 4R7.
Jumper is expressed by R00.
Resistance Value
Type : inches
Thick Film Chip Resistors
Thick Film Chip Resistors
0201, 0402, 0603, 0805, 1206,
1210, 1812, 2010, 2512
Type:
ERJ 1G, 2G, 3G, 6G, 8G, 14,
12, 12Z, 1T
n Features
l Small size and lightweight
l High reliability
Approved under the QS-9000 system
l Reference Standards
IEC 60115-8, JIS C 5201-8, EIAJ RC-2134A
n Explanation of Part Numbers
Metal glaze thick film resistive element and three layers of electrodes
(Only 14, 12, 12Z, 1T type)
Punched (Paper) Taping
Embossed Taping
Packaging
(Only 3G, 6G, 8G type)
Code
V
U
(Only 2G, 3G, 6G type)
X
B
Bulk case
Punched (Paper) Taping
2 mm pitch, 10000 pcs.
Punched (Paper) Taping
2 mm pitch, 20000 pcs.
(Only 2G, 3G type)
2 mm pitch, 15000 pcs.
Y
(Only 1G type)
(Only 2G type)
C
Punched (Paper) Taping
Packaging Specifications
] When partly omitted, all the rest P/N factors should be moved up respectively.
l Compatible with placement machines
Taping and bulk case packaging available
l Approved under the ISO 9001 system
l Suitable for both reflow and flow soldering
Rev.02/04


Html Pages

1  2  3  4 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
CR10220THICK FILM CHIP RESISTORS 1 2 3 4 List of Unclassifed Manufacturers
RV2012J100THICK FILM CHIP RESISTORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
741C083THICK FILM CHIP RESISTORS ARRAYS 1 2 3 4 List of Unclassifed Manufacturers
TA203PAPower Chip Resistors Thick Film on Alumina Substrate 1 List of Unclassifed Manufacturers
RCWPMThick Film Chip Resistors Military/Established Reliability MIL-PRF-55342 Qualified Type RM 1 2 Vishay Siliconix
DCRCWThick Film Rectangular Chip Resistors 1 2 3 4 5 MoreVishay Siliconix
KTR18Endured high voltage fixed thick film chip resistors 1 2 3 4 5 MoreRohm
CR2512TAD THICK FILM CHIP RESISTORS 1 2 3 4 List of Unclassifed Manufacturers
CRCW0201Thick Film Rectangular Chip Resistor 1 2 Vishay Siliconix

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn