Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GM-402B Datasheet(PDF) 7 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

No. de pieza GM-402B
Descripción Electrónicos  MEMS Combustible Gas Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WINSEN [Zhengzhou Winsen Electronics Technology Co., Ltd.]
Página de inicio  https://www.winsen-sensor.com/
Logo WINSEN - Zhengzhou Winsen Electronics Technology Co., Ltd.

GM-402B Datasheet(HTML) 7 Page - Zhengzhou Winsen Electronics Technology Co., Ltd.

  GM-402B Datasheet HTML 1Page - Zhengzhou Winsen Electronics Technology Co., Ltd. GM-402B Datasheet HTML 2Page - Zhengzhou Winsen Electronics Technology Co., Ltd. GM-402B Datasheet HTML 3Page - Zhengzhou Winsen Electronics Technology Co., Ltd. GM-402B Datasheet HTML 4Page - Zhengzhou Winsen Electronics Technology Co., Ltd. GM-402B Datasheet HTML 5Page - Zhengzhou Winsen Electronics Technology Co., Ltd. GM-402B Datasheet HTML 6Page - Zhengzhou Winsen Electronics Technology Co., Ltd. GM-402B Datasheet HTML 7Page - Zhengzhou Winsen Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Zhengzhou Winsen Electronics Technology Co., Ltd
www.winsen-sensor.com
Tel: 86-371-67169097/67169670
Fax: 86-371-60932988
Email: sales@winsensor.com
only result in corrosion of sensors structure, also it cause sincere sensitivity attenuation.
1.3 Alkali, Alkali metals salt, halogen pollution
The sensors performance will be changed badly if sensors be sprayed polluted by alkali metals salt especially
brine, or be exposed to halogen such as fluorine.
1.4 Touch water
Sensitivity of the sensors will be reduced when spattered or dipped in water.
1.5 Freezing
Do avoid icing on sensor’s surface, otherwise sensing material will be broken and lost sensitivity.
1.6 Applied voltage
Applied voltage on sensor should not be higher than 120mW, it will cause irreversible heater damaged, also
hurt from static, so anti-static precautions should be taken when touching sensors.
2 .Following conditions must be avoided
2.1 Water Condensation
Indoor conditions, slight water condensation will influence sensors’ performance lightly. However, if water
condensation on sensors surface and keep a certain period, sensors’ sensitive will be decreased.
2.2 Used in high gas concentration
No matter the sensor is electrified or not, if it is placed in high gas concentration for long time, sensors
characteristic will be affected. If lighter gas sprays the sensor, it will cause extremely damage.
2.3 Long time exposed to extreme environment
No matter the sensors electrified or not, if exposed to adverse environment for long time, such as high
humidity, high temperature, or high pollution etc., it will influence the sensors’ performance badly.
2.4 Vibration
Continual vibration will result in sensors down-lead response then break. In transportation or assembling line,
pneumatic screwdriver/ultrasonic welding machine can lead this vibration.
2.5 Concussion
If sensors meet strong concussion, it may lead its lead wire disconnected.
2.6 Soldering
Soldering flux: Rosin soldering flux contains least chlorine and safeguard procedures.
If disobey the above using terms, sensors sensitivity will be reduced.
Zhengzhou Winsen Electronics Technology
Co., Ltd
Add: No.299, Jinsuo Road, National Hi-Tech
Zone, Zhengzhou 450001 China
Tel: +86-371-67169097/67169670
Fax: +86-371-60932988
E-mail: sales@winsensor.com
Website: www.winsen-sensor.com


Número de pieza similar - GM-402B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zhengzhou Winsen Electr...
GM-502B WINSEN-GM-502B Datasheet
800Kb / 10P
   MEMS VOC Gas Sensor
GM-602B WINSEN-GM-602B Datasheet
834Kb / 7P
   MEMS Hydrogen Sulfide/H2S Gas Sensor
GM-702B WINSEN-GM-702B Datasheet
850Kb / 7P
   MEMS Carbon Monoxide Gas Sensor
logo
Coolgear Inc.
GM-HU34-PCBA COOLGEAR-GM-HU34-PCBA Datasheet
1Mb / 2P
   4 Port USB 3.2 Gen 1 Hub PCBA w/ ESD Surge Protection
Rev 05.220701
GM-HU37-PCBA COOLGEAR-GM-HU37-PCBA Datasheet
1Mb / 2P
   7 Port USB 3.2 Gen 1 Hub PCBA w/ ESD Surge Protection
Rev 05.220630
More results

Descripción similar - GM-402B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zhengzhou Winsen Electr...
GM-502B WINSEN-GM-502B Datasheet
800Kb / 10P
   MEMS VOC Gas Sensor
logo
ES Systems
ESRF-ESF ES-ESRF-ESF Datasheet
900Kb / 14P
   Resistive MEMS Gas Flow Sensor
ESRF-HF ES-ESRF-HF Datasheet
718Kb / 9P
   MEMS Resistive Gas Flow Sensor
logo
Zhengzhou Winsen Electr...
GM-702B WINSEN-GM-702B Datasheet
850Kb / 7P
   MEMS Carbon Monoxide Gas Sensor
logo
Hanwei Electronics Grou...
MQ-9 HANWEI-MQ-9 Datasheet
181Kb / 3P
   Semiconductor Sensor for CO/Combustible Gas
logo
Zhengzhou Winsen Electr...
GM-602B WINSEN-GM-602B Datasheet
834Kb / 7P
   MEMS Hydrogen Sulfide/H2S Gas Sensor
logo
Bosch Sensortec GmbH
D382 BOSCH-D382 Datasheet
226Kb / 3P
   Combustible Gas Detector
logo
Extech Instruments Corp...
EZ40 EXTECH-EZ40_15 Datasheet
185Kb / 1P
   EzFlex??Combustible Gas Detector
FG100 EXTECH-FG100_15 Datasheet
107Kb / 1P
   Combustible Gas Leak Detector
logo
Zhengzhou Winsen Electr...
ZP04 WINSEN-ZP04 Datasheet
425Kb / 7P
   Combustible Gas Detection Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com