Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUS-61570-460Q Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza BUS-61570-460Q
Descripción Electrónicos  MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

BUS-61570-460Q Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BUS-61570-460Q Datasheet HTML 1Page - List of Unclassifed Manufacturers BUS-61570-460Q Datasheet HTML 2Page - List of Unclassifed Manufacturers BUS-61570-460Q Datasheet HTML 3Page - List of Unclassifed Manufacturers BUS-61570-460Q Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ORDERING INFORMATION
BUS-615XX- XX0X*
Supplemental Process Requirements:
S = Pre-Cap Source Inspection
L = Pull Test
Q = Pull Test and Pre-Cap Inspection
K = One Lot Date Code
W = One Lot Date Code and PreCap Source
Y = One Lot Date Code and 100% Pull Test
Z = One Lot Date Code, PreCap Source and 100% Pull Test
Blank = None of the Above
Process Requirements:
0 = Standard DDC Processing, no Burn-In (See page xiii.)
1 = MIL-PRF-38534 Compliant
2 = B**
3 = MIL-PRF-38534 Compliant with PIND Testing
4 = MIL-PRF-38534 Compliant with Solder Dip
5 = MIL-PRF-38534 Compliant with PIND Testing and Solder Dip
6 = B** with PIND Testing
7 = B** with Solder Dip
8 = B** with PIND Testing and Solder Dip
9 = Standard DDC Processing with Solder Dip, no Burn-In (See page xiii.)
Temperature Grade/Data Requirements:
1 = -55°C to +125°C
2 = -40°C to +85°C
3 = 0°C to +70°C
4 = -55°C to +125°C with Variables Test Data
5 = -40°C to +85°C with Variables Test Data
8 = 0°C to +70°C with Variables Test Data
Power Supply and Packaging
59 = +5 V/-15 V DDIP
60 = +5 V/-12 V DIP
69 = +5 V/-15 V Flat Pack
70 = +5 V/-12 V Flat Pack
71 = +5 V Flat Pack
*-601 version also available = MIL-STD-1760 compatible with fully compliant
MIL-PRF-38534 Processing Available


Número de pieza similar - BUS-61570-460Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
FCI connector
BUS-12-087 FCI-CONNECTOR-BUS-12-087 Datasheet
305Kb / 21P
   Ribcage??II Printed Wiring Board Connector System
BUS-12-114 FCI-CONNECTOR-BUS-12-114 Datasheet
130Kb / 8P
   Duplex Plated Bergstik짰 II Headers
logo
List of Unclassifed Man...
BUS-8553 ETC1-BUS-8553 Datasheet
289Kb / 4P
   MIL-STD-1553 TRANSCEIVER
BUS-8555 ETC1-BUS-8555 Datasheet
161Kb / 2P
   DATA BUS RECEIVER
BUS-8555-883B ETC1-BUS-8555-883B Datasheet
161Kb / 2P
   DATA BUS RECEIVER
More results

Descripción similar - BUS-61570-460Q

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Aeroflex Circuit Techno...
CT2553 AEROFLEX-CT2553 Datasheet
352Kb / 36P
   CT2553 / 2554 / 2555 / 2556 Advanced Integrated MUX (AIM) Hybrid FOR MIL-STD-1553
logo
Actel Corporation
1553BBC-XX ACTEL-1553BBC-XX Datasheet
225Kb / 30P
   Core1553BBC MIL-STD-1553B Bus Controller
logo
Tyco Electronics
DK-621-0912-S MACOM-DK-621-0912-S Datasheet
129Kb / 5P
   Data Bus (MIL-STD-1553B) Components
D-500-0463-612 MACOM-D-500-0463-612 Datasheet
339Kb / 5P
   Data Bus (MIL-STD-1553B) Components
Revised 12-03
logo
Holt Integrated Circuit...
HI-2130 HOLTIC-HI-2130 Datasheet
1,000Kb / 7P
   Single Package MIL-STD-1553 / MIL-STD-1760 3.3V BC / MT / RT with Integrated Transformers
HI-6110 HOLTIC-HI-6110 Datasheet
512Kb / 36P
   MIL-STD-1553 / MIL-STD-1760 BC / RT / MT Message Processor
logo
Aeroflex Circuit Techno...
CT2542 AEROFLEX-CT2542 Datasheet
313Kb / 17P
   CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT2565 AEROFLEX-CT2565 Datasheet
356Kb / 31P
   CT2565 Bus Controller, Remote Terminal and BUS Monitor FOR MIL-STD-1553B
CT25421111 AEROFLEX-CT25421111 Datasheet
315Kb / 17P
   CT 2542 / CT2543 Dual Redundant Remote Terminal FOR MIL-STD-1553B
CT1999 AEROFLEX-CT1999 Datasheet
259Kb / 25P
   CT1999 Remote Terminal and/or Bus Controller for MIL-STD-1553B
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com