Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SD1754 Datasheet(PDF) 1 Page - Panasonic Semiconductor

No. de pieza 2SD1754
Descripción Electrónicos  Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD1754 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD1754 Datasheet HTML 1Page - Panasonic Semiconductor 2SD1754 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Power Transistors
2SD1754, 2SD1754A
Silicon NPN triple diffusion planar type
For power amplification with high forward current transfer ratio
s Features
q
High foward current transfer ratio hFE
q
Satisfactory linearity of foward current transfer ratio hFE
q
I type package enabling direct soldering of the radiating fin to
the printed circuit board, etc. of small electronic equipment.
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to
base voltage
Collector to
emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
80
100
60
80
6
6
3
1
15
1.3
150
–55 to +150
Unit
V
V
V
A
A
A
W
˚C
˚C
2SD1754
2SD1754A
2SD1754
2SD1754A
TC=25°C
Ta=25
°C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff
current
Collector cutoff current
Emitter cutoff current
Collector to emitter
voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Symbol
ICBO
ICEO
IEBO
VCEO
hFE
*
VCE(sat)
fT
Conditions
VCB = 80V, IE = 0
VCB = 100V, IE = 0
VCE = 40V, IB = 0
VEB = 6V, IC = 0
IC = 25mA, IB = 0
VCE = 4V, IC = 0.5A
IC = 2A, IB = 0.05A
VCE = 12V, IC = 0.2A, f = 10MHz
min
60
80
500
typ
30
max
100
100
100
100
1500
1
Unit
µA
µA
µA
V
V
MHz
2SD1754
2SD1754A
2SD1754
2SD1754A
*h
FE Rank classification
Rank
Q
P
hFE
500 to 1000 800 to 1500
Unit: mm
1:Base
2:Collector
3:Emitter
I Type Package
Unit: mm
1:Base
2:Collector
3:Emitter
I Type Package (Y)
7.0
±0.3
3.0
±0.2
3.5
±0.2
4.6
±0.4
2
13
1.1
±0.1
0.75
±0.1
2.3
±0.2
0.85
±0.1
0.4
±0.1
7.0
±0.3
0.75
±0.1
2.3
±0.2
4.6
±0.4
1.1
±0.1
2.0
±0.2
0.9
±0.1
3.5
±0.2
3.0
±0.2
123
0 to 0.15
0 to 0.15
2.5
0.5 max.


Número de pieza similar - 2SD1754

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SD1750 PANASONIC-2SD1750 Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington
2SD1750A PANASONIC-2SD1750A Datasheet
64Kb / 2P
   Silicon NPN triple diffusion planar type Darlington
2SD1751 PANASONIC-2SD1751 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification)
2SD1752 PANASONIC-2SD1752 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type
logo
Rohm
2SD1752 ROHM-2SD1752 Datasheet
91Kb / 1P
   TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
More results

Descripción similar - 2SD1754

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SD1753 PANASONIC-2SD1753 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2527 PANASONIC-2SD2527 Datasheet
42Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD1776 PANASONIC-2SD1776 Datasheet
54Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2375 PANASONIC-2SD2375 Datasheet
43Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2544 PANASONIC-2SD2544 Datasheet
51Kb / 3P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD1258 PANASONIC-2SD1258 Datasheet
48Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SD2486 PANASONIC-2SD2486 Datasheet
70Kb / 2P
   Silicon NPN triple diffusion planar type(For power amplification with high forward current transfer ratio)
2SC5954 PANASONIC-2SC5954 Datasheet
58Kb / 2P
   Silicon NPN triple diffusion planar type For power amplification with high forward current transfer ratio
2SD2139 PANASONIC-2SD2139 Datasheet
50Kb / 3P
   Silicon NPN triple diffusion planar type(For high-current amplification ratio, power amplification)
2SD1755 PANASONIC-2SD1755 Datasheet
57Kb / 3P
   Silicon NPN epitaxial planar type(For power amplification with high forward current transfer ratio)
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com