Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP87C251SA16 Datasheet(PDF) 9 Page - Intel Corporation

No. de pieza TP87C251SA16
Descripción Electrónicos  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

TP87C251SA16 Datasheet(HTML) 9 Page - Intel Corporation

Back Button TP87C251SA16 Datasheet HTML 5Page - Intel Corporation TP87C251SA16 Datasheet HTML 6Page - Intel Corporation TP87C251SA16 Datasheet HTML 7Page - Intel Corporation TP87C251SA16 Datasheet HTML 8Page - Intel Corporation TP87C251SA16 Datasheet HTML 9Page - Intel Corporation TP87C251SA16 Datasheet HTML 10Page - Intel Corporation TP87C251SA16 Datasheet HTML 11Page - Intel Corporation TP87C251SA16 Datasheet HTML 12Page - Intel Corporation TP87C251SA16 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
PRELIMINARY
9
8XC251SA/SB/SP/SQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Table 5. 8XC251SA/SB/SP/SQ PLCC/DIP Pin Assignments Arranged by Functional Category
Address & Data
Input/Output
Name
PLCC
DIP
Name
PLCC
DIP
AD0/P0.0
43
39
P1.0/T2
2
1
AD1/P0.1
42
38
P1.1/T2EX
3
2
AD2/P0.2
41
37
P1.2/ECI
4
3
AD3/P0.3
40
36
P1.3/CEX0
5
4
AD4/P0.4
39
35
P1.4/CEX1
6
5
AD5/P0.5
38
34
P1.5/CEX2
7
6
AD6/P0.6
37
33
P1.6/CEX3/WAIT#
8
7
AD7/P0.7
36
32
P1.7/CEX4/A17/WCLK
9
8
A8/P2.0
24
21
P3.0/RXD
11
10
A9/P2.1
25
22
P3.1/TXD
13
11
A10/P2.2
2623
P3.4/T0
1614
A11/P2.3
27
24
P3.5/T1
17
15
A12/P2.4
28
25
A13/P2.5
29
26
Power & Ground
A14/P2.6
30
27
Name
PLCC
DIP
A15/P2.7
31
28
V
CC
44
40
P3.7/RD#/A16
19
17
V
CC
2
12
P1.7/CEX4/A17/WCLK
9
8
V
SS
22
20
V
SS
1
1
V
SS
2
23, 34
Processor Control
EA#/VPP
35
31
Name
PLCC
DIP
P3.2/INT0#
14
12
Bus Control & Status
P3.3/INT1#
15
13
Name
PLCC
DIP
EA#/V
PP
35
31
P3.6/WR#
18
16
RST
10
9
P3.7/RD#/A16
19
17
XTAL1
21
18
ALE/PROG#
33
30
XTAL2
20
19
PSEN#
32
29


Número de pieza similar - TP87C251SA16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
TP87C51FA INTEL-TP87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
logo
Rochester Electronics
TP87C51FA ROCHESTER-TP87C51FA Datasheet
599Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
logo
Intel Corporation
TP87C51FB INTEL-TP87C51FB Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TP87C51FC INTEL-TP87C51FC Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TP87C51FC-20 INTEL-TP87C51FC-20 Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Descripción similar - TP87C251SA16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com