Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC83C251SQ16 Datasheet(PDF) 5 Page - Intel Corporation |
|
TC83C251SQ16 Datasheet(HTML) 5 Page - Intel Corporation |
5 / 36 page PRELIMINARY 5 8XC251SA/SB/SP/SQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER Table 2 lists the proliferation options. See Figure 2 for the 8XC251SA/SB/SP/SQ family nomenclature. . Table 3 lists the 8XC251SA/SB/SP/SQ packages. Table 3. Package Information Table 2. Proliferation Options 8XC251SA/SB/SP/SQ (0 – 16 MHz; 5 V ±10%) 80C251SB16 CPU-only 80C251SQ16 CPU-only 83C251SA16 ROM 83C251SB16 ROM 83C251SP16 ROM 83C251SQ16 ROM 87C251SA16 OTPROM/EPROM 87C251SB16 OTPROM/EPROM 87C251SP16 OTPROM/EPROM 87C251SQ16 OTPROM/EPROM Pkg. Definition Temperature N 44 ld. PLCC 0°C to +70°C P 40 ld. Plastic DIP 0°C to +70°C C 40 ld. Ceramic DIP 0°C to +70°C TN 44 ld. PLCC -40°C to +85°C TP 40 ld. Plastic DIP -40°C to +85°C |
Número de pieza similar - TC83C251SQ16 |
|
Descripción similar - TC83C251SQ16 |