Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8316-EVAL Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD8316-EVAL
Descripción Electrónicos  Dual Output GSM PA Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8316-EVAL Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8316-EVAL Datasheet HTML 3Page - Analog Devices AD8316-EVAL Datasheet HTML 4Page - Analog Devices AD8316-EVAL Datasheet HTML 5Page - Analog Devices AD8316-EVAL Datasheet HTML 6Page - Analog Devices AD8316-EVAL Datasheet HTML 7Page - Analog Devices AD8316-EVAL Datasheet HTML 8Page - Analog Devices AD8316-EVAL Datasheet HTML 9Page - Analog Devices AD8316-EVAL Datasheet HTML 10Page - Analog Devices AD8316-EVAL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. C
AD8316
–7–
VS – V
2.7
1.9
2.8
2.9
3.2
3.1
3.5
2.9
3.3
2.5
3.0
0mA
3.3
3.1
2.7
2.3
2.1
3.4
3.5
2mA
4mA
6mA
8mA
10mA
12 mA
ILOAD
TPC 19. Maximum OUT Voltage vs. Supply Voltage by
Load Current, AD8316 Sourcing
VENBL
GND
VOUT
GND
CFLT = 68pF
AVERAGING = 16 SAMPLES
50mV PER
VERTICAL
DIVISION
CFLT = 220pF
1V PER
VERTICAL
DIVISION
2 s PER HORIZONTAL DIVISION
TPC 20. ENBL Response Time, Rise/Fall Time = 250 ns
52.3
2.7V
AD8316
OUT2
FLT2
VPOS
OUT1
COMM
FLT1
BSEL*
RFIN
ENBL
VSET
CFLT
CFLT
H-P 8110A
PULSE
GENERATOR
TEK P6204
FET PROBE
RL
1k
TEK 1103
PWR SUPPLY
TEK TDS3054
SCOPE
0.1 F
RF OUT
H-P 8648B
SIGNAL
GENERATOR
PULSE OUT
TEK P6204
FET PROBE
2.7V
*BSEL HIGH
OUT1;
BSEL LOW
OUT2
0.1GHz
60dBm
TPC 21. Test Setup for ENBL Response Time
VS – V
2.7
2.2
2.9
2.8
2.6
2.8
2.7
2.5
2.4
3.0
6mA
2.3
SHADING INDICATES
3 SIGMA
2mA
TPC 22. Distribution of Maximum OUT Voltage vs. Supply
Voltage with 2 mA and 6 mA Loads, 3 Sigma to Either
Side of Mean, AD8316 Sourcing
GND
AVERAGING = 16 SAMPLES
1V PER
VERTICAL
DIVISION
2 s PER HORIZONTAL DIVISION
GND
BSEL INPUT
VOUT2 10mV PER VERTICAL DIVISION
TPC 23. BSEL Response Time, ENBL Grounded
RF OUT
H-P 8648B
SIGNAL
GENERATOR
0.1GHz
–60dBm
52.3
2.7V
AD8316
OUT2
FLT2
VPOS
OUT1
COMM
FLT1
BSEL*
RFIN
ENBL
VSET
CFLT
H-P 8110A
PULSE
GENERATOR
PULSE OUT
TEK P6204
FET PROBE
CFLT
TEK P6204
FET PROBE
RL
1k
TEK 1103
PWR SUPPLY
TEK TDS3054
SCOPE
0.1 F
*BSEL HIGH
OUT1;
BSEL LOW
OUT2
TPC 24. Test Setup for BSEL Response Time


Número de pieza similar - AD8316-EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD831 AD-AD831 Datasheet
225Kb / 16P
   Low Distortion Mixer
REV. B
AD831 AD-AD831 Datasheet
436Kb / 16P
   Low Distortion Mixer
REV. C
AD8310 AD-AD8310 Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
AD8310 AD-AD8310 Datasheet
530Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
Rev. E
AD8310-EVAL AD-AD8310-EVAL Datasheet
606Kb / 24P
   Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
REV. D
More results

Descripción similar - AD8316-EVAL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8315 AD-AD8315 Datasheet
1Mb / 20P
   50 dB GSM PA Controller
REV. B
AD8315 AD-AD8315_16 Datasheet
447Kb / 22P
   50 dB GSM PA Controller
AD8311 AD-AD8311 Datasheet
734Kb / 24P
   50 dB GSM PA Controller
REV. 0
AD8315 AD-AD8315_06 Datasheet
552Kb / 24P
   50 dB GSM PA Controller
REV. C
AD8311 AD-AD8311_15 Datasheet
505Kb / 24P
   50 dB GSM PA Controller
REV. A
AD8315 AD-AD8315_15 Datasheet
553Kb / 24P
   50 dB GSM PA Controller
REV. C
logo
National Semiconductor ...
LMV242 NSC-LMV242 Datasheet
560Kb / 16P
   Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
LMV248 NSC-LMV248 Datasheet
289Kb / 11P
   Dual Band GSM Power Controller
logo
Texas Instruments
LMV242 TI-LMV242_15 Datasheet
1,009Kb / 25P
[Old version datasheet]   LMV242 Dual Output, Quad-Band GSM/GPRS Power Amplifier Controller
logo
Radiometrix Ltd
GTC01 RADIOMETRIX-GTC01 Datasheet
401Kb / 11P
   GSM Telemetry Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com