Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX6965 Datasheet(PDF) 1 Page - Maxim Integrated Products

No. de pieza MAX6965
Descripción Electrónicos  9-Output LED Driver with Intensity Control and Hot-Insertion Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MAXIM [Maxim Integrated Products]
Página de inicio  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6965 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6965 Datasheet HTML 1Page - Maxim Integrated Products MAX6965 Datasheet HTML 2Page - Maxim Integrated Products MAX6965 Datasheet HTML 3Page - Maxim Integrated Products MAX6965 Datasheet HTML 4Page - Maxim Integrated Products MAX6965 Datasheet HTML 5Page - Maxim Integrated Products MAX6965 Datasheet HTML 6Page - Maxim Integrated Products MAX6965 Datasheet HTML 7Page - Maxim Integrated Products MAX6965 Datasheet HTML 8Page - Maxim Integrated Products MAX6965 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
9-Output LED Driver with Intensity Control
and Hot-Insertion Protection
________________________________________________________________ Maxim Integrated Products
1
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX6965 I2C™-compatible serial interfaced periph-
eral provides microprocessors with nine additional out-
put ports. Each output is an open-drain current-sinking
output rated to 50mA at 7V. All outputs are capable of
driving LEDs, or providing logic outputs with external
resistive pullup up to 7V.
Eight-bit PWM current control is also integrated. Four of
the bits are global control and apply to all LED outputs
to provide coarse adjustment of current from fully off to
fully on with 14 intensity steps. Additionally each output
then has an individual 4-bit control, which further
divides the globally set current into 16 more steps.
Alternatively, the current control can be configured as a
single 8-bit control that sets all outputs at once.
Each output has independent blink timing with two blink
phases. LEDs can be individually set to be either on or off
during either blink phase, or to ignore the blink control.
The blink period is controlled by an external clock (up to
1kHz) on BLINK or by a register. The BLINK input can also
be used as a logic control to turn the LEDs on and off, or
as a general-purpose input (GPI).
The MAX6965 supports hot insertion. The SDA, SCL,
RST, BLINK, and the slave address input AD0 remain
high impedance in power-down (V+ = 0V) with up to 6V
asserted upon them. The output ports remain high
impedance with up to 8V asserted upon them.
The MAX6965 is controlled through a 2-wire I2C serial
interface, and can be configured to one of four I2C
addresses.
Applications
LCD Backlights
LED Status Indication
Keypad Backlights
RGB LED Drivers
Features
♦ 400kbps, 2-Wire Serial Interface, 5.5V Tolerant
♦ 2V to 3.6V Operation
♦ Overall 8-Bit PWM LED Intensity Control
Global 16-Step Intensity Control
Plus Individual 16-Step Intensity Controls
♦ Two-Phase LED Blinking
♦ High Port Output Current—Each Port 50mA (max)
♦ RST Input Clears Serial Interface and Restores
Power-Up Default State
♦ Supports Hot Insertion
♦ Outputs are 7V-Rated Open Drain
♦ Low Standby Current (1.2µA (typ), 3.3µA (max))
♦ Tiny 3mm x 3mm, Thin QFN Package
♦ -40°C to +125°C Temperature Range
MAX6965
O0
O1
O2
O3
O4
O5
V+
3.3V
µC
SDA
SCL
SDA
I/O
I/O
AD0
6V
O6
O7
O8
SCL
RELAY
RELAY
GND
7V
0.047
µF
RST
BLINK
RELAY
Typical Application Circuit
19-3058; Rev 3; 3/05
Ordering Information
PART
TEMP
RANGE
PIN-
PACKAGE
TOP
MARK
PKG
CODE
MAX6965ATE
-40
°C to
+125
°C
16 Thin QFN
3mm x 3mm
x 0.8mm
AAW
T1633-4
MAX6965AEE
-40
°C to
16 QSOP
——
Pin Configurations appear at end of data sheet.
Purchase of I2C components of Maxim Integrated Products, Inc.,
or one of its sublicensed Associated Companies, conveys a
license under the Philips I2C Patent Rights to use these compo-
nents in an I2C system, provided that the system conforms to the
I2C Standard Specification as defined by Philips.


Número de pieza similar - MAX6965

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX696 MAXIM-MAX696 Datasheet
481Kb / 12P
   Microprocessor Supervisory Circuits
1989
MAX6960 MAXIM-MAX6960 Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6960 MAXIM-MAX6960 Datasheet
388Kb / 35P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 3; 6/07
MAX6960-MAX6963 MAXIM-MAX6960-MAX6963 Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
MAX6960AMH MAXIM-MAX6960AMH Datasheet
462Kb / 34P
   4-Wire Serially Interfaced 8 x 8 Matrix Graphic LED Drivers
Rev 0; 7/05
More results

Descripción similar - MAX6965

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Maxim Integrated Produc...
MAX6964 MAXIM-MAX6964_05 Datasheet
380Kb / 23P
   17-Output LED Driver/GPO with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
MAX7314 MAXIM-MAX7314 Datasheet
402Kb / 25P
   18-Port GPIO with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
logo
Texas Instruments
TCA6507 TI-TCA6507_10 Datasheet
741Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
TCA6507 TI-TCA6507 Datasheet
693Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 7-BIT I2C AND SMBus LED DRIVER WITH INTENSITY CONTROL AND SHUTDOWN
logo
Maxim Integrated Produc...
MAX6946 MAXIM-MAX6946 Datasheet
267Kb / 24P
   10-Port, Constant-Current LED Driver and I/O Expander with PWM Intensity Control
Rev 3; 2/08
MAX7317 MAXIM-MAX7317 Datasheet
288Kb / 12P
   10-Port SPI-Interfaced I/O Expander with Overvoltage and Hot-Insertion Protection
Rev 2; 4/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com