Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TPA3101D2RGZT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de Pieza. TPA3101D2RGZT
Descripción  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Descarga  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo 

TPA3101D2RGZT Datasheet(HTML) 10 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
www.ti.com
-200
200
-150
-100
-50
0
50
100
150
0
40
5
10
15
20
25
30
35
f - Frequency - Hz
10
100
1 k
10 k
100 k
Gain
Phase
V
= 12 V
R
= 8
V = 0.1 V
C = 10
F
Gain = 32 dB
RC filter = 100
, 10 nF
CC
L
I
rms
I
W
m
W
-200
200
-150
-100
-50
0
50
100
150
0
40
5
10
15
20
25
30
35
f - Frequency - Hz
10
100
1 k
10 k
100 k
Gain
Phase
V
= 24 V
R
= 8
V = 0.1 V
C = 10
F
Gain = 32 dB
RC filter = 100
, 10 nF
CC
L
I
rms
I
W
m
W
V
- Supply Voltage - V
CC
5
7.5
10
12.5
15
17.5
22.5
20
30
25
35
27.5
32.5
37.5
10
12
14
16
18
20
22
24
26
THD+N = 10%
THD+N = 1%
R
= 8
Gain = 20 dB
L
W
Power Beyond 10 W
May Require More
Heatsinking.
V
- Supply Voltage - V
CC
0
2
4
6
8
10
12
18
14
16
20
10
11
12
13
THD+N = 10%
THD+N = 1%
R
= 4
Gain = 20 dB
L
W
Power Beyond 10 W
May Require More
Heatsinking.
TPA3101D2
SLOS473 – DECEMBER 2005
CLOSED LOOP RESPONSE
CLOSED LOOP RESPONSE
vs
vs
FREQUENCY
FREQUENCY
Figure 9.
Figure 10.
OUTPUT POWER
OUTPUT POWER
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 11.
Figure 12.
10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn