Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPA3101D2RGZT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPA3101D2RGZT
Descripción Electrónicos  10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPA3101D2RGZT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA3101D2RGZT Datasheet HTML 9Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 10Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 11Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 12Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 13Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 14Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 15Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 16Page - Texas Instruments TPA3101D2RGZT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
www.ti.com
APPLICATION INFORMATION
TPA3101D2
GAIN1
LINP
RINN
RINP
AGND
LINN
GAIN0
SYNC
MSTR/SLV
NC
NC
NC
10 V - 26 V
220nF
220nF
220nF
220nF
PVCCR
NC
NC
PGNDR
PVCCR
PGNDR
VCLAMPR
VCLAMPL
PVCCL
PGNDL
PGNDL
PVCCL
10 V - 26 V
10 V - 26 V
10
F
m
33
H
m
33
H
m
0.47
F
m
1
F
m
1
F
m
1
F
m
1
F
m
1
F
m
220
F
m
1
F
m
1
F
m
1
F
m
220
F
m
1
F
m
1
F
m
10 nF
100 kW
0.1
F
m
0.1
F
m
Differential
Analog
Inputs
4-Step
Gain Control
Synchronize Multiple
Class-D Devices
33
H
m
33
H
m
0.47
F
m
0.1
F
m
8 W
8 W
0.1
F
m
TPA3101D2
SLOS473 – DECEMBER 2005
Figure 21. Stereo Class-D With Differential Inputs (QFN)
13


Número de pieza similar - TPA3101D2RGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA3101D2RGZT TI-TPA3101D2RGZT Datasheet
3Mb / 38P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2RGZTG4 TI-TPA3101D2RGZTG4 Datasheet
3Mb / 38P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Descripción similar - TPA3101D2RGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI-TPA032D04 Datasheet
350Kb / 24P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2 Datasheet
390Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA2101A EUTECH-EUA2101A Datasheet
172Kb / 1P
   10-W Stereo Class-D Audio Power Amplifier
logo
Texas Instruments
TPA032D04 TI-TPA032D04_07 Datasheet
625Kb / 28P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA032D04 TI1-TPA032D04_16 Datasheet
429Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3101D2 TI-TPA3101D2_15 Datasheet
1Mb / 43P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2 TI-TPA3125D2_15 Datasheet
387Kb / 26P
[Old version datasheet]   10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com