Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3101 Datasheet(PDF) 4 Page - Sanyo Semicon Device

No. de pieza 2SK3101
Descripción Electrónicos  General-Purpose Switching Device Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3101 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SK3101 Datasheet HTML 1Page - Sanyo Semicon Device 2SK3101 Datasheet HTML 2Page - Sanyo Semicon Device 2SK3101 Datasheet HTML 3Page - Sanyo Semicon Device 2SK3101 Datasheet HTML 4Page - Sanyo Semicon Device 2SK3101 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SK3101LS
No.7910-4/5
100
10
1.0
23
5
7
2
3
5
7
5
23
65
60
55
50
45
40
35
30
25
20
15
10
5
0
0
12
10
8
6
4
2
Total Gate Charge, Qg -- nC
VGS -- Qg
IT06569
0
0
0
20
40
45
2.5
2.0
1.5
1.0
0.5
40
35
30
25
20
15
10
5
60
80
100
120
140
160
160
140
120
100
80
60
40
20
0
Case Temperature, Tc --
°C
Ambient Temperature, Ta --
°C
PD -- Tc
PD -- Ta
IT06571
IT06572
A S O
Drain-to-Source Voltage, VDS -- V
IT06570
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
IT06568
0.01
0.1
1.0
10
100
2
3
5
7
2
3
3
5
2
3
5
7
2
3
5
7
Crss
Coss
Ciss
f=1MHz
VDS=200V
ID=11A
ID=11A
<1µs
IDP=44A
Operation in this
area is limited by RDS(on).
Tc=25
°C
Single pulse
0
5
10
15
20
25
30
10
100
1000
10000
5
7
2
3
7
3
5
5
7
2
2
3
DC
operation
100ms
10ms
1ms
10µ
s
100µ
s


Número de pieza similar - 2SK3101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK3101LS ISC-2SK3101LS Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK3101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com