Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUF05704 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza BUF05704
Descripción Electrónicos  18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF05704 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  BUF05704 Datasheet HTML 1Page - Burr-Brown (TI) BUF05704 Datasheet HTML 2Page - Burr-Brown (TI) BUF05704 Datasheet HTML 3Page - Burr-Brown (TI) BUF05704 Datasheet HTML 4Page - Burr-Brown (TI) BUF05704 Datasheet HTML 5Page - Burr-Brown (TI) BUF05704 Datasheet HTML 6Page - Burr-Brown (TI) BUF05704 Datasheet HTML 7Page - Burr-Brown (TI) BUF05704 Datasheet HTML 8Page - Burr-Brown (TI) BUF05704 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
BUF05704,BUF06704
BUF07704,BUF11704
SBOS277E − JUNE 2004 − REVISED DECEMBER 2004
www.ti.com
5
ELECTRICAL CHARACTERISTICS: BUF07704
Over operating free-air temperature range, VDD = 18 V, TA = 25°C, unless otherwise noted.
PARAMETER
TEST CONDITIONS
TA(1)
MIN
TYP
MAX
UNIT
IDD
Supply current
ALL
VO = VDD/2
25
°C
5
7.5
mA
IDD
Supply current
ALL
VO = VDD/2
No Load
Full range
7.5
mA
Buffers 1-3
1
VDD
Common-mode input range
Buffers 4-6
25
°C
GND
VDD − 1
V
Common-mode input range
VCOM buffer
25 C
1
VDD
V
VCOM buffer sinking
IO = 1 mA to 100 mA
25
°C
1
5
VCOM buffer sinking
IO = 1 mA to 100 mA
VIN = 2 V
Full range
5
VCOM buffer sourcing
IO = −1 mA to −100 mA
25
°C
1
5
Load regulation
VCOM buffer sourcing
IO = −1 mA to −100 mA
VIN = 16 V
Full range
5
mV/mA
Load regulation
Buffers 1-6 sinking
IO = 1 mA to 10 mA
25
°C
1
5
mV/mA
Buffers 1-6 sinking
IO = 1 mA to 10 mA
VIN = 1 V
Full range
5
Buffers 1-6 sourcing
IO = −1 mA to −10 mA
25
°C
1
5
Buffers 1-6 sourcing
IO = −1 mA to −10 mA
VIN = 17 V
Full range
5
VOH1-3
Buffers 1-3
VIN = 18 V
ISOURCE = 10 mA
25
°C
17.85
17.9
V
VOH4-6
High-level output
voltage
Buffers 4-6
VIN = 17 V
ISINK = 10 mA
25
°C
17
17.15
V
VOH4-6
voltage
Buffers 4-6
VIN = 17 V
ISOURCE = 10 mA
25
°C
16.85
17
V
VOL1-3
Buffers 1-3
VIN = 1 V
ISINK = 10 mA
25
°C
1.0
1.15
V
VOL1-3
Low-level output
voltage
Buffers 1-3
VIN = 1 V
ISOURCE = 10 mA
25
°C
0.85
1.0
V
VOL4-6
voltage
Buffers 4-6
VIN = 0 V
ISINK = 10 mA
25
°C
0
0.15
V
VOHCOM
High-level output
voltage
VCOM buffer
VIN = 16 V
ISINK = 100 mA
25
°C
16
16.15
V
VOHCOM
High-level output
voltage
VCOM buffer
VIN = 16 V
ISOURCE = 100 mA
25
°C
15.85
16
V
VOLCOM
Low-level output
voltage
VCOM buffer
VIN = 2 V
ISINK = 100 mA
25
°C
2
2.15
V
VOLCOM
Low-level output
voltage
VCOM buffer
VIN = 2 V
ISOURCE = 100 mA
25
°C
1.85
2
V
(1) Full range is −25°C to 85°C.


Número de pieza similar - BUF05704

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
BUF05703 BURR-BROWN-BUF05703 Datasheet
487Kb / 25P
   MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF05703 TI1-BUF05703 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
BUF05703PWG4 TI1-BUF05703PWG4 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
BUF05703PWR TI1-BUF05703PWR Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
More results

Descripción similar - BUF05704

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
BUF06703 BURR-BROWN-BUF06703 Datasheet
487Kb / 25P
   MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
   MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com