Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BUF11704 Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
No. de pieza BUF11704
Descripción Electrónicos  18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BURR-BROWN [Burr-Brown (TI)]
Página de inicio  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

BUF11704 Datasheet(HTML) 1 Page - Burr-Brown (TI)

  BUF11704 Datasheet HTML 1Page - Burr-Brown (TI) BUF11704 Datasheet HTML 2Page - Burr-Brown (TI) BUF11704 Datasheet HTML 3Page - Burr-Brown (TI) BUF11704 Datasheet HTML 4Page - Burr-Brown (TI) BUF11704 Datasheet HTML 5Page - Burr-Brown (TI) BUF11704 Datasheet HTML 6Page - Burr-Brown (TI) BUF11704 Datasheet HTML 7Page - Burr-Brown (TI) BUF11704 Datasheet HTML 8Page - Burr-Brown (TI) BUF11704 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
SBOS277E − JUNE 2004 − REVISED DECEMBER 2004
18V SUPPLY MULTICHANNEL GAMMA CORRECTION BUFFER
BUF05704,BUF06704
BUF07704,BUF11704
FEATURES
D Wide Supply Range: 4.5 V to 18 V
D Gamma Correction Channels: 10, 6, and 4
D Integrated VCOM Buffer
D Excellent Output Current Drive:
− Gamma Channels:
> 30 mA at 0.5 V Swing to Rails(1)
− VCOM:
> 100 mA typ at 2 V Swing to Rails(1)
D Large Capacitive Load Drive Capability
D Rail-to-Rail Output
D PowerPAD Package
D Low-Power/Channel: < 500 µA
D High ESD Rating: 8 kV HBM, 2 kV CDM,
300 V MM
D Specified for −25°C to +85°C
(1) See Typical Characteristic curves for details.
BUFx x704
V
DD
V
COM
So urce Driver
Gamma 1
Gamma 2
Gamma 3
Gamma (n
− 2)
Gamma (n
− 1)
Gamma (n )
DESCRIPTION
The BUFxx704 are a series of multi-channel buffers
targeted towards gamma correction in high-resolution
LCD panels. They are pin-compatible with the existing
BUFxx702 and BUFxx703 family and operate at higher
supply voltages up to 18 V (19 V absolute max). The
higher supply voltage enables faster response times
and brighter images in large-screen LCD panels. This
is especially important in LCD TV applications.
The number of gamma correction channels required
depends on a variety of factors and differs greatly from
design to design. Therefore, 10, 6, and 4 channel
options are offered. For additional space and cost
savings, a VCOM channel with > 100mA drive capability
is integrated into the BUF11704, BUF07704, and
BUF05704.
The
BUF11704,
BUF07704,
BUF06704,
and
BUF05704 are available in the TSSOP-28, TSSOP-20,
TSSOP-16, and TSSOP-14 PowerPAD packages for
dramatically increased power dissipation capability.
This way, a large number of channels can be handled
safely in one package.
A flow-through pin out has been adopted to allow simple
PCB routing and maintain the cost-effectiveness of this
solution. All inputs and outputs of the BUFxx704
incorporate internal ESD protection circuits that prevent
functional failures at voltages up to 8 kV (HBM), 2 kV
(CDM), and 300 V (MM).
MODEL
GAMMA
CHANNELS
VCOM CHANNELS
BUF11704
10
1
BUF07704
6
1
BUF06704
6
0
BUF05704
4
1
www.ti.com
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
PowerPAD is a trademark of Texas Instruments Incorporated. All other trademarks are the property of their respective owners.


Número de pieza similar - BUF11704

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
BUF11704 TI1-BUF11704 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF11704 TI1-BUF11704 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF11704 TI1-BUF11704 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
More results

Descripción similar - BUF11704

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Burr-Brown (TI)
BUF06703 BURR-BROWN-BUF06703 Datasheet
487Kb / 25P
   MULTI-CHANNEL LEC GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
   MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Burr-Brown (TI)
BUF11705 BURR-BROWN-BUF11705 Datasheet
304Kb / 17P
   22 - V Supply, 10 1 Channel Gamma Correction Buffer
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
logo
Analog Devices
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708 Datasheet
611Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8709 AD-ADD8709_15 Datasheet
520Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com