Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS68000DBTR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS68000DBTR
Descripción Electrónicos  HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS68000DBTR Datasheet(HTML) 3 Page - Texas Instruments

  TPS68000DBTR Datasheet HTML 1Page - Texas Instruments TPS68000DBTR Datasheet HTML 2Page - Texas Instruments TPS68000DBTR Datasheet HTML 3Page - Texas Instruments TPS68000DBTR Datasheet HTML 4Page - Texas Instruments TPS68000DBTR Datasheet HTML 5Page - Texas Instruments TPS68000DBTR Datasheet HTML 6Page - Texas Instruments TPS68000DBTR Datasheet HTML 7Page - Texas Instruments TPS68000DBTR Datasheet HTML 8Page - Texas Instruments TPS68000DBTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS68000
SLVS524 – OCTOBER 2005
over recommended free-air temperature range and over recommended input voltage range (typical at an ambient temperature
range of 25
°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MAIN CONTROL
Internal control supply
V5
IOUT-V5< 25 mA
4.5
5
5.5
V
regulator
Control supply output
including internal current
IOUT-V5
25
mA
current
consumption
Under voltage lockout
VUVLO
Voltage at V5 decreasing
4.0
4.1
4.3
V
threshold at V5
FAULT output low
VOL
IFAULT = 500 µA
0.2
0.4
V
voltage
FAULT output leakage
Vlkg
VFAULT= 5 V
0.1
1
µA
current
VIL
EN input low voltage
0.4
V
VIH
EN input high voltage
1.4
V
EN input current
VCC = 24 V
0.05
0.1
µA
ISTC
STC source current
during strike
10
µA
ISTC
STC source current
during wait
5
µA
STC source and sink
normal operation, VSTC = 1.25
ISTC
10
µA
current
V
Overtemperature
140
°C
protection
Overtemperature
20
°C
hysteresis
Quiescent current into
VCC = 12V, V5 = 5.5V
25
40
µA
VCC
Quiescent current into
VCC = V5 = 5V
25
40
µA
VCC
Quiescent current into
VCC = V5 = 5V
1000
1500
µA
V5
Shutdown current into
VCC = V5 = 5V, EN = 0V
1
2
µA
VCC
Shutdown current into
VCC = V5 = 5V, EN = 0V
1
2
µA
V5
Shutdown current into
VCC = 12V, EN = 0V
2.5
5
µA
VCC
VREF
Reference Voltage
IOUT-VREF < 5mA
3.27
3.3
3.33
V
Reference output
IOUT-VREF
5
mA
current
GATE DRIVE
High side drive sink
1.2
2.0
ID = 0.05A
resistance
High side drive source
1.5
2.5
ID = 0.05A
resistance
High side drive rise
CG = 4.7 nF, SA = SC = 0 V,
35
50
ns
time
V5A = V5C = 5 V
High side drive fall time CG = 4.7 nF
15
25
ns
Time delay between
CG = 4.7 nF
100
ns
high side off and low
side on
Time delay between
CG = 4.7 nF
100
ns
low side off and high
side on
3


Número de pieza similar - TPS68000DBTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS68000DBTR TI1-TPS68000DBTR Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000DBTRG4 TI1-TPS68000DBTRG4 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results

Descripción similar - TPS68000DBTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
   Full Bridge CCFL Controller
logo
Microsemi Corporation
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
   Full Bridge Resonant CCFL Controller
logo
Mitsumi Electronics, Co...
LX1692 MITSUMI-LX1692 Datasheet
271Kb / 15P
   Full Bridge Resonant CCFL Controller
logo
Microsemi Corporation
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
   Full Bridge Resonant CCFL Controller
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
   TM Full Bridge Resonant CCFL Controller
LX1692 MICROSEMI-LX1692 Datasheet
315Kb / 15P
   TM Full Bridge Resonant CCFL Controller
logo
Maxim Integrated Produc...
MAX8751 MAXIM-MAX8751 Datasheet
732Kb / 27P
   Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com