Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


GS816118 Datasheet(Hoja de datos) 10 Page - List of Unclassifed Manufacturers

No. de Pieza. GS816118
Descripción  1M x 18, 512K x 32, 512K x 36 18Mb Sync Burst SRAMs
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo 

 10 page
background image
GS816118(T/D)/GS816132(D)/GS816136(T/D)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.13 11/2004
11/36
© 1999, GSI Technology
Notes:
1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs.
2. Byte Write Enable inputs BA, BB, BC and/or BD may be used in any combination with BW to write single or multiple bytes.
3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs.
4. Bytes “C” and “D” are only available on the x36 version.
Byte Write Truth Table
Function
GW
BW
BA
BB
BC
BD
Notes
Read
H
H
X
X
X
X
1
Read
H
L
HHHH
1
Write byte a
H
L
L
H
H
H
2, 3
Write byte b
H
L
H
L
H
H
2, 3
Write byte c
H
L
H
H
L
H
2, 3, 4
Write byte d
H
L
H
H
H
L
2, 3, 4
Write all bytes
H
LLLLL
2, 3, 4
Write all bytes
L
XXXX
X




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
GS8160F18BT1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS8160F18BT-V1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS8160181M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS8160F18T1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS816018BT1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS8160V18AT1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS816018BT-V1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS8160V18CT1M x 18 and 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS816118BT1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology
GS816118BT-V1M x 18 512K x 32 512K x 36 18Mb Sync Burst SRAMs 1 2 3 4 5 MoreGSI Technology

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl