Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS5273 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
ADS5273 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 28 page www.ti.com AC CHARACTERISTICS ADS5277 SBAS333C – FEBRUARY 2005 – REVISED SEPTEMBER 2005 T MIN = –40°C and TMAX = +85°C. Typical values are at TA = +25°C, clock frequency = maximum specified, 50% clock duty cycle, AVDD = 3.3V, LVDD = 3.3V, –1dBFS, I SET = 56.2kΩ, internal voltage reference, and LVDS buffer at 3.5mA per channel, unless otherwise noted. ADS5277 PARAMETER CONDITIONS MIN TYP MAX UNITS DYNAMIC CHARACTERISTICS fIN = 1MHz 84 dBc fIN = 5MHz 75 85 dBc SFDR Spurious-Free Dynamic Range fIN = 10MHz 84 dBc fIN = 20MHz 81 dBc fIN = 1MHz 97 dBc fIN = 5MHz 82 95 dBc HD2 2nd-Order Harmonic Distortion fIN = 10MHz 90 dBc fIN = 20MHz 84 dBc fIN = 1MHz 90 dBc fIN = 5MHz 75 88 dBc HD3 3rd-Order Harmonic Distortion fIN = 10MHz 88 dBc fIN = 20MHz 85 dBc fIN = 1MHz 61.7 dBFS fIN = 5MHz 60.5 61.7 dBFS SNR Signal-to-Noise Ratio fIN = 10MHz 61.7 dBFS fIN = 20MHz 61.6 dBFS fIN = 1MHz 61.7 dBFS fIN = 5MHz 60.4 61.7 dBFS SINAD Signal-to-Noise and Distortion fIN = 10MHz 61.7 dBFS fIN = 20MHz 61.6 dBFS ENOB Effective Number of Bits fIN = 5MHz 9.7 10 Bits 5MHz Full-Scale Signal Applied to 7 Channels; Crosstalk –89 dBc Measurement Taken on the Channel with No Input Signal f1 = 9.5MHz at –7dBFS Two-Tone, Third-Order IMD3 93 dBFS Intermodulation Distortion f2 = 10.2MHz at –7dBFS 6 |
Número de pieza similar - ADS5273 |
|
Descripción similar - ADS5273 |