Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NE3508M04-T2 Datasheet(PDF) 3 Page - California Eastern Labs

No. de pieza NE3508M04-T2
Descripción Electrónicos  HETERO JUNCTION FIELD EFFECT TRANSISITOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo CEL - California Eastern Labs

NE3508M04-T2 Datasheet(HTML) 3 Page - California Eastern Labs

  NE3508M04-T2 Datasheet HTML 1Page - California Eastern Labs NE3508M04-T2 Datasheet HTML 2Page - California Eastern Labs NE3508M04-T2 Datasheet HTML 3Page - California Eastern Labs NE3508M04-T2 Datasheet HTML 4Page - California Eastern Labs NE3508M04-T2 Datasheet HTML 5Page - California Eastern Labs NE3508M04-T2 Datasheet HTML 6Page - California Eastern Labs NE3508M04-T2 Datasheet HTML 7Page - California Eastern Labs NE3508M04-T2 Datasheet HTML 8Page - California Eastern Labs NE3508M04-T2 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NE3508M04
TYPICAL CHARACTERISTICS TA = +25
°C)
Note) Under examination
Mounted on Glass Epoxy PCB
(1.08 cm
2 x 1.0mm(t) )
MINIMUM NOISE FIGURE, ASSOCIATED GAIN
vs. FREQUENCY
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
5
10
15
frequency (GHz)
0
2
4
6
8
10
12
14
16
18
20
NFmin
Ga
VDS=2V, ID=10mA
MINIMUM NOISE FIGURE, ASSOCIATED GAIN
vs. DREIN CURRENT
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10
20
30
40
Drein Current ID (mA)
0
2
4
6
8
10
12
14
16
18
20
NFmin
Ga
f=2GHz, VDS=2V
MINIMUM NOISE FIGURE, ASSOCIATED GAIN
vs. Drein to Source Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.0
1.5
2.0
2.5
3.0
3.5
Drain to Source Voltage VDS (V)
0
2
4
6
8
10
12
14
16
18
20
NFmin
Ga
f=2GHz, ID=10mA
DRAIN CURRENT vs. GATE to SOURCE VOLTAGE
0
10
20
30
40
50
60
70
80
90
100
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
Gate to Source Voltage VGS (V)
VDS=2V
VGS = 0 V
- 0.1 V
- 0.2 V
- 0.3 V
- 0.4 V
- 0.5 V
0
2
4
6
8
10
Drain to Source Voltage VDS
0
1
2
3
4
5
DRAIN CURRENT vs. DRAIN TO SOURCE VOLTAGE


Número de pieza similar - NE3508M04-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
NE3508M04-T2 RENESAS-NE3508M04-T2 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3508M04-T2B RENESAS-NE3508M04-T2B Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Descripción similar - NE3508M04-T2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NE3505M04 CEL-NE3505M04 Datasheet
335Kb / 20P
   HETERO JUNCTION FIELD EFFECT TRANSISITOR
logo
Renesas Technology Corp
NE3210S01 RENESAS-NE3210S01 Datasheet
197Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1999
NE38018 RENESAS-NE38018 Datasheet
236Kb / 13P
   Hetero Junction Field Effect transistor
2003
logo
California Eastern Labs
NE3512S02 CEL-NE3512S02 Datasheet
270Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3514S02 CEL-NE3514S02_13 Datasheet
285Kb / 8P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NE32484A RENESAS-NE32484A Datasheet
195Kb / 14P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1991
NE32900 RENESAS-NE32900 Datasheet
181Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1997
NE32500 RENESAS-NE32500 Datasheet
199Kb / 10P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
1996
NE34018 RENESAS-NE34018 Datasheet
250Kb / 18P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
2000
logo
California Eastern Labs
NE3515S02-A CEL-NE3515S02-A Datasheet
415Kb / 9P
   HETERO JUNCTION FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com