Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2375 Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza 2SK2375
Descripción Electrónicos  Silicon N-Channel Power F-MOS FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK2375 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SK2375 Datasheet HTML 1Page - Panasonic Semiconductor 2SK2375 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Power F-MOS FETs
2SK2375
Area of safe operation (ASO)
PD  Ta
ID  VGS
Vth  TC
VDS  VGS
RDS(on)  ID
| Yfs |  ID
Ciss, Coss, Crss  VDS
ton, tf, td(off)  ID
1
10
100
1000
3
30
300
0.1
100
10
1
0.3
3
30
Non repetitive pulse
T
C=25˚C
I
DP
DC
I
D
t=100
µs
1ms
10ms
100ms
Drain to source voltage V
DS
(V)
020
40
60
80 100 120 140 160
0
20
40
60
80
100
120
(1) T
C=Ta
(2) Without heat sink
(P
D=3W)
(1)
(2)
Ambient temperature Ta (˚C)
08
26
47
15
3
0
1
2
3
4
5
6
7
150˚C
100˚C
25˚C
0˚C
T
C=150˚C
V
DS=25V
Gate to source voltage V
GS
(V)
0
25
50
75
100
125
150
0
1
2
3
4
5
6
V
DS=25V
I
D=1mA
Case temperature T
C
(˚C)
0
5
10
15
20
25
30
0
20
40
60
10
70
50
30
T
C=25˚C
I
D=16A
2A
4A
8A
Gate to source voltage V
GS
(V)
08
26
47
15
3
0
1
2
3
4
5
T
C=150˚C
V
GS=10V
100˚C
0˚C
25˚C
Drain current I
D
(A)
0
24
6
8
13
5
7
0
1
2
3
4
5
6
V
DS=25V
150˚C
100˚C
25˚C
T
C=0˚C
Drain current I
D
(A)
0
200
160
120
80
40
10
10000
1000
100
30
300
3000
C
iss
C
oss
C
rss
f=1MHz
T
C=25˚C
Drain to source voltage V
DS
(V)
012
10
8
26
4
0
500
600
400
300
200
100
V
DD=200V
V
GS=10V
T
C=25˚C
t
d(off)
t
f
t
on
Drain current I
D
(A)


Número de pieza similar - 2SK2375

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK2375 ISC-2SK2375 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK2375

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SK867 PANASONIC-2SK867 Datasheet
41Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK996 PANASONIC-2SK996 Datasheet
64Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK1266 PANASONIC-2SK1266 Datasheet
80Kb / 2P
   Silicon N-channel Power F-MOS FET
2SK2125 PANASONIC-2SK2125 Datasheet
46Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK2128 PANASONIC-2SK2128 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK3030 PANASONIC-2SK3030 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3031 PANASONIC-2SK3031 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3033 PANASONIC-2SK3033 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3036 PANASONIC-2SK3036 Datasheet
23Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3043 PANASONIC-2SK3043 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
PUB4702 PANASONIC-PUB4702 Datasheet
34Kb / 2P
   Silicon N-Channel Power F-MOS FET
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com