Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDT8020-TM-NN Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

No. de pieza SDT8020-TM-NN
Descripción Electrónicos  Techncal Specification for 2.5Gbps Filber Optic Transmitter Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

SDT8020-TM-NN Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  SDT8020-TM-NN Datasheet HTML 1Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 2Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 3Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 4Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 5Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 6Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 7Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 8Page - List of Unclassifed Manufacturers SDT8020-TM-NN Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
- 9 / 9 -
(SDT8028-T_-Q_)
Specification : TS-S96D048F
July, 2001
13. Ordering Information
14. Other Precaution
Under such a strong vibration environment as in automobile, the performance and reliability are not guaranteed.
The governmental approval is required to export this product to other countries. To dispose of these compo-
nents, the appropriate procedure should be taken to prevent illegal exportation.
This module must be handled, used and disposed of according to your company's safe working practice.
15. For More Information
Caution
Be sure to turn the power off when you touch this product connected to the printed circuit boards. Otherwise, electric shock may occur.
Dispose this product or equipment including this product properly as an industrial waste according to the regulations.
Warning
Be sure to carry out correct soldering for connection to peripheral circuits in order to prevent contact failure or short-circuit. Other-
wise, a strong laser beam may cause eye injury, overheating or fire.
Do not put this product or components of this product into your mouth. This product contaions material harmful to health.
U.S.A.
ExceLight Communications, 4021 Stirrup Creek Drive, Suite 200 Durham, NC 27703
Tel. +1-919-361-1600 / Fax. +1-919-361-1619
E-mail: info@excelight.com
http://www.excelight.com
Europe
Sumitomo Electric Europe Ltd., 220, Centennial Park, Elstree, Herts, WD6 3SL, United Kingdom
Tel.+44-208-953-8681
Fax.+44-208-207-5950
E-mail: photonics@sumielectric.com
http://www.sumielectric.com
Japan
Sumitomo Electric Industries, Ltd. ( International Business Division ), 3-12, Moto-Akasaka 1-chome
Minato-ku Tokyo 107-8468
Tel. +81-3-3423-5771 / Fax. +81-3-3423-5099
E-mail:product-info@ppd.sei.co.jp
http://www.sei.co.jp/Electro-optic/index_e.html
Ordering Number
Pigtail length : L
Connector type
SDT8028-TC-QN
600 +/- 50mm
SC
SDT8028-TD-QN
600 +/- 50mm
FC / PC
SDT8028-TM-NN
450 +/- 50mm
MU-J
SDT8028-TU-NN
450 +/- 50mm
MU


Número de pieza similar - SDT8020-TM-NN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seoul Semiconductor
SDT802-SB SEOUL-SDT802-SB Datasheet
899Kb / 24P
   Applicable for automotive Exterior light
More results

Descripción similar - SDT8020-TM-NN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SDT8018 ETC-SDT8018 Datasheet
93Kb / 9P
   2.5Gbps Fiber Optic Transmitter Module
logo
Unity Opto Technology
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
   Fiber Optic Transmitter
MOF-T2C4 UOT-MOF-T2C4 Datasheet
44Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF370A TTELEC-OPF370A Datasheet
1,012Kb / 5P
   Fiber Optic Transmitter
OPF392 TTELEC-OPF392 Datasheet
502Kb / 4P
   Fiber Optic Transmitter
OPF395 TTELEC-OPF395 Datasheet
497Kb / 4P
   Fiber Optic Transmitter
OPF672 TTELEC-OPF672 Datasheet
803Kb / 3P
   Fiber Optic Transmitter
OPF322A TTELEC-OPF322A Datasheet
743Kb / 4P
   Fiber Optic Transmitter
OPF347A TTELEC-OPF347A Datasheet
764Kb / 4P
   Fiber Optic Transmitter
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com