Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

300HF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza 300HF
Descripción Electrónicos  STANDARD RECOVERY DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

300HF Datasheet(HTML) 2 Page - International Rectifier

  300HF Datasheet HTML 1Page - International Rectifier 300HF Datasheet HTML 2Page - International Rectifier 300HF Datasheet HTML 3Page - International Rectifier 300HF Datasheet HTML 4Page - International Rectifier 300HF Datasheet HTML 5Page - International Rectifier 300HF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
300HF(R) Series
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak voltage
repetitive peak voltage
@ 180°C
VV
mA
40
400
500
300HF(R)
80
800
900
20
120
1200
1300
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
F(AV)
Max. average forward current
300
A
180° conduction, half sine wave
@ Case temperature
125
°C
I
F(RMS)
Max. RMS forward current
470
A
DC @ 118°C case temperature
I
FSM
Max. peak, one-cycle forward,
5000
t = 10ms
No voltage
non-repetitive surge current
5200
t = 8.3ms
reapplied
3800
t = 10ms
100% V
RRM
4000
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
125
t = 10ms
No voltage
Initial T
J
= T
J
max
113
t = 8.3ms
reapplied
72
t = 10ms
100% V
RRM
66
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
1250
KA2
√s t = 0.1 to 10ms, no voltage reapplied
V
F(TO)1
Low level value of threshold
voltage
V
F(TO)2
High level value of threshold
voltage
r
f1
Low level value of forward
slope resistance
r
f2
High level value of forward
slope resistance
V
FM
Max. forward voltage drop
1.38
V
I
FM
=
π x I
F(AV)
, T
J
= 25 °C, t
p
= 10ms sinusoidal wave
Parameter
300HF(R)
Units Conditions
Forward Conduction
0.86
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
0.89
(I >
π x I
F(AV)
), T
J
= T
J
max.
0.48
(16.7% x
π x I
F(AV)
< I <
π x I
F(AV)
), T
J
= T
J
max.
0.46
(I >
π x I
F(AV)
), T
J
= T
J
max.
KA2s
A
V
m
To Order
Next Data Sheet
Index
Previous Datasheet


Número de pieza similar - 300HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
300HF IRF-300HF Datasheet
232Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Vishay Siliconix
300HF VISHAY-300HF Datasheet
102Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 02-Jun-08
logo
International Rectifier
300HF120M IRF-300HF120M Datasheet
232Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
300HF120MB IRF-300HF120MB Datasheet
232Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
300HF120MS IRF-300HF120MS Datasheet
232Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
More results

Descripción similar - 300HF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com