Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

W7113MBDK Datasheet(PDF) 2 Page - Kingbright Corporation

No. de Pieza. W7113MBDK
Descripción  T-1 3/4 (5mm) ROUND LED LAMP
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  KINGBRIGHT [Kingbright Corporation]
Página de inicio  http://www.us.kingbright.com
Logo 

W7113MBDK Datasheet(HTML) 2 Page - Kingbright Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPECNO:DSAD2032
REV NO: V.2
DATE:JUL/12/2003
PAGE: 2 OF 3
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN:K.ZHANG
Selection Guide
Absolute Maximum Ratings at TA=25°°°°°C
Notes:
1. 1/10 Duty Cycle, 0.1ms Pulse Width.
2. 2mm below package base.
Note:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 the optical centerline value.
Electrical / Optical Characteristics at TA=25°°°°°C
lo
b
m
ySlo
bm
yS lo
b
m
yS lo
b
m
ySlo
bm
ySrete
m
ar
a
Prete
m
ar
a
P
ret
e
m
ar
a
P
ret
e
m
ar
a
Prete
m
ar
a
Pec
ive
Dec
ive
D ec
iv
e
D ec
iv
e
Dec
ive
D.p
yT .p
yT .p
yT .p
yT.p
yT.x
aM .x
a
M .x
a
M .x
a
M.x
a
Mstin
U stin
U sti
n
U sti
n
Ustin
Usn
oiti
dn
o
C
ts
eTsn
oiti
dn
o
C
ts
eT
sn
oit
id
no
C
ts
eT
sn
oit
id
no
C
ts
eTsn
oiti
dn
o
C
ts
eT
λ
ka
ep
ht
gn
el
ev
a
W
ka
e
Peu
lB
03
4m
n
IF
A
m
02
=
λ D
ht
gn
el
ev
a
W
et
an
im
o
Deu
lB
66
4m
n
IF
A
m
02
=
λ
2/
1
ht
di
w-
fla
H
en
iL
lar
tc
ep
Seu
lB
06
m
n
IF
A
m
02
=
Cec
nati
ca
pa
Ceu
lB
00
1Fp
VF
zH
M
1=
f;V
0=
VF
eg
atl
oV
dr
a
wr
oFeu
lB
0.
42.
5V
IF
A
m
02
=
IR
tn
err
u
C
es
re
ve
Reu
lB
01
Au
VR V
5
=
ret
e
m
ar
a
Prete
m
ar
a
P
ret
e
m
ar
a
P
ret
e
m
ar
a
Prete
m
ar
a
Peu
lB eu
lB eu
lB eu
lBeu
lBstin
U stin
U sti
n
U sti
n
Ustin
U
no
ita
pi
ss
id
re
w
o
P50
1W
m
tn
err
u
C
dr
a
wr
oF
C
D03
A
m
]1[
tn
err
u
C
dr
a
wr
oF
ka
e
P05
1A
m
eg
atl
oV
es
re
ve
R5
V
er
ut
ar
ep
m
eT
eg
ar
ot
S/
gn
ita
re
p
O04
- °
58
+
oT
C
°C
]2[
er
ut
ar
ep
m
eT
re
dl
o
S
da
eL06
2 °
sd
no
ce
S
5r
oF
C
.o
N
tra
P.o
Ntra
P
.o
N
tra
P
.o
N
tra
P.o
Ntra
P
ec
iDec
iD ec
iD ec
iDec
iDep
yT
sn
eLep
yT
sn
eL
ep
yT
sn
eL
ep
yT
sn
eLep
yT
sn
eL
)d
c
m(
vI)d
cm(
vI
)d
c
m(
vI
)d
c
m(
vI)d
cm(
vI
A
m
02
@
gn
iw
ei
Vgn
iw
ei
V
gn
iw
ei
V
gn
iw
ei
Vgn
iw
ei
V elg
n
A
.ni
M.ni
M .ni
M .ni
M.ni
M.p
yT .p
yT .p
yT .p
yT.p
yT22222 2/
1
θ2
/
1
θ 2
/
1
θ 2
/
1
θ2
/
1
θ
K
D
B
M
31
17
W)N
aG(
E
U
L
BD
E
SU
F
FI
D
E
U
L
B
01
04
02°


Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
MV5094ABIPOLAR T-1 3/4 5mm LED LAMP - DIFFUSED 1 2 3 4 Fairchild Semiconductor
5330H1Variable Height LED T-1 3/4 5mm Lamp Assembly 1 Chicago Miniature Lamp,inc
MV8B01SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
MV8B11SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 4 Fairchild Semiconductor
L-56BIDT-1 3/4 5mm BLINKING LED LAMP 1 2 3 Kingbright Corporation
MV8W00SUPER BRIGHT T-1 ¾ 5mm LED LAMP - Water Clear 1 2 3 Fairchild Semiconductor
L7113SEC-HT-1 3/4 5mm LED LAMP 1 2 3 Kingbright Corporation
L-7113SYCT-1 3/4 5MM LED LAMP 1 2 3 Kingbright Corporation
MVL-5A4SGT-1 3/4 f 5mm PACKAGE SOLID STATE LAMP 1 2 Unity Opto Technology
LC503MYL1-06QYellow 6 5mm LED lamp with water transparent lens 1 2 3 Marktech Corporate

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn