Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK2538 Datasheet(PDF) 2 Page - Panasonic Semiconductor

No. de pieza 2SK2538
Descripción Electrónicos  Silicon N-Channel Power F-MOS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK2538 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SK2538 Datasheet HTML 1Page - Panasonic Semiconductor 2SK2538 Datasheet HTML 2Page - Panasonic Semiconductor 2SK2538 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Area of safe operation (ASO)
PD – Ta
Ciss, Coss, Crss – VDS
EAS – Tj
ID – VDS
ID – VGS
RDS(on) – ID
| Yfs | – ID
td(on), tr, tf, td(off) – ID
Power F-MOS FETs
2SK2538
0.01
1
0.1
1
10
100
0.03
0.3
3
30
10
100
1000
3
30
300
Drain-Source voltage VDS (V)
Non repetitive pulse
TC=25˚C
IDP
t=1ms
t=10ms
DC
ID
t=100ms
0
10
20
30
40
0
40
80
120
160
20
60
100
140
Ambient temperature Ta (˚C)
(1) TC=Ta
(2) Without heat sink
(PD=2.0W)
(1)
(2)
0
2
4
6
8
10
12
25
50
75
100
125
150
175
Junction temperature Tj
(˚C)
VDD=30V
ID=2A
0
1
2
3
4
5
048
12
16
20
Drain voltage
VDS
(V)
TC=25˚C
5.0V
5.5V
6.0V
6.5V
30W
7.0V
8.0V
9.0V
VGS=10.0V
0
1
2
3
4
5
02
4
6
8
10
Gate-Source voltage VGS
(V)
VDS=10V
TC=25˚C
0
1
2
3
4
5
01
2
3
45
Drain current ID (A)
TC=100˚C
25˚C
VGS=10V
0˚C
0
01
2
3
45
20
40
60
80
100
120
Drain current
ID
(A)
VDD=200V
VGS=10V
TC=25˚C
td(off)
tf
tr
td(on)
1
0
50
100
150
200
250
1000
100
10
3
300
30
Drain-Source voltage VDS (V)
f=1MHz
TC=25˚C
Ciss
Coss
Crss
0
01
2
3
45
1
2
3
Drain current ID (A)
VDS=25V
TC=25˚C


Número de pieza similar - 2SK2538

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK2538 ISC-2SK2538 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Descripción similar - 2SK2538

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SK2339 PANASONIC-2SK2339 Datasheet
50Kb / 3P
   Silicon N-Channel Power F-MOS
2SK759 PANASONIC-2SK759 Datasheet
80Kb / 2P
   Silicon N-channel Power F-MOS FET
2SK805 PANASONIC-2SK805 Datasheet
82Kb / 2P
   SILICON N-CHANNEL POWER F-MOS FET
2SK2124 PANASONIC-2SK2124 Datasheet
43Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK3023 PANASONIC-2SK3023 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3026 PANASONIC-2SK3026 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3028 PANASONIC-2SK3028 Datasheet
25Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3029 PANASONIC-2SK3029 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3037 PANASONIC-2SK3037 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3047 PANASONIC-2SK3047 Datasheet
44Kb / 3P
   Silicon N-Channel Power F-MOS FET
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com