Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
54621D Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard) |
|
54621D Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard) |
6 / 24 page 6 Deep memory transfer over the bus Transfer all of your data over the bus, even when using deep memory. Typical transfer time is <70 seconds for 2 MB of data over GPIB. The 54640-Series requires soft- ware revision 1.0 or later. The 54620-Series requires software revision 1.5 or later. The system software is stored in FLASH ROM that can be upgraded easily from a built-in floppy disk drive in the scope. Visit the 54620-Series customer web site at: www.agilent.com/find/5462xsw for a free copy of the system software and the IntuiLink Data Capture application to pull the data out of the scope to the PC. Other standard features • Waveform math with FFTs: Analysis functions include -, *, Integrate, and Differentiate, as well as Fast Fourier Transforms. • 1-ns peak detect on the 54640-Series and 5-ns peak detect on the 54620-Series means you won’t have to worry about missing narrow glitches. • Autoscale lets you quickly dis- play any active signals, auto- matically setting the vertical, horizontal and trigger controls for the best display. • Printer connectivity is easy for HP Deskjets, Laserjets, Epson, or integrated thermal printer option with the stan- dard parallel port on the rear panel. • High resolution mode offers up to 12 bits of resolution in real-time (single-shot) modes, reducing noise. This is accom- plished by averaging sequential data points and mapping the average to the display when at slow sweep speeds. • 1-year warranty: All 54600-Series scopes include a full 1-year warranty with optional 3-year and 5-year warranty coverage. • Money-back guarantee: Get a full refund if you’re not satis- fied with your purchase for any reason. See page 24 for more information. Affordable and Responsive (continued) |
Número de pieza similar - 54621D |
|
Descripción similar - 54621D |