Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CXA3355ER Datasheet(PDF) 8 Page - Sony Corporation

No. de pieza CXA3355ER
Descripción Electrónicos  GPS Down Converter IC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SONY [Sony Corporation]
Página de inicio  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3355ER Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA3355ER Datasheet HTML 4Page - Sony Corporation CXA3355ER Datasheet HTML 5Page - Sony Corporation CXA3355ER Datasheet HTML 6Page - Sony Corporation CXA3355ER Datasheet HTML 7Page - Sony Corporation CXA3355ER Datasheet HTML 8Page - Sony Corporation CXA3355ER Datasheet HTML 9Page - Sony Corporation CXA3355ER Datasheet HTML 10Page - Sony Corporation CXA3355ER Datasheet HTML 11Page - Sony Corporation CXA3355ER Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
– 8 –
CXA3355ER
Electrical Characteristics
DC Characteristics
(VCC1 = VCC2 = 1.8V, VCC3 = OPEN, Ta = 25°C)
Item
Conditions
Supply current 1
Supply current 2
Supply current 3
Input impedance
Output impedance
fo mode, excluding the antenna sense circuit
4fo mode, excluding the antenna sense circuit
Power save mode
Pin 36 (TESTINP),
Pin 37 (TESTINN)
Pin 38 (TESTOUTP),
Pin 39 (TESTOUTN)
Symbol
ICC1
ICC2
ICC3
Zin
Zout
Note: fo mode and 4fo mode use the following power-on reset conditions.
fo mode: TCXO = 18.414MHz, fLO = 1574.397MHz, IF = 1.023MHz
4fo mode: TCXO = 16.368MHz, fLO = 1571.328MHz, IF = 4.092MHz
AC Characteristics
(VCC1 = VCC2 = 1.8V, VCC3 = OPEN, Ta = 25°C)
Item
Conditions
Total voltage gain
LNA NF1
LNA NF2
Total NF1
Total NF2
P-1dB input
Image rejection ratio
LPF1 (fo mode)
LPF2 (fo mode)
LPF3 (fo mode)
BPF1 (4fo mode)
BPF2 (4fo mode)
BPF3 (4fo mode)
BPF4 (4fo mode)
C/N 100K
Spurious component
Symbol
G
NF1
NF2
TNF1
TNF2
P1dB
IMRR
LPF1
LPF2
LPF3
BPF1
BPF2
BPF3
BPF4
C/N
Sp
Note: fo mode and 4fo mode use the following power-on reset conditions.
fo mode: TCXO = 18.414MHz, fLO = 1574.397MHz, IF = 1.023MHz
4fo mode: TCXO = 16.368MHz, fLO = 1571.328MHz, IF = 4.092MHz
Excluding the A/D converter
50
Ω matching, fo mode
50
Ω matching, 4fo mode
50
Ω matching, fo mode
50
Ω matching, 4fo mode
Up to before the A/D converter
Detuning frequency = 1.023MHz, 4.092MHz
@150kHz
Normalized at the 1.023MHz level
@2.046MHz Normalized at the 1.023MHz level
@6MHz
Normalized at the 1.023MHz level
@1MHz
Normalized at the 4.092MHz level
@3.069MHz Normalized at the 4.092MHz level
@5.115MHz Normalized at the 4.092MHz level
@12MHz
Normalized at the 4.092MHz level
4fo mode, TCXO = 16.368MHz
4fo mode, ratio of the carrier level and the
reference leak level
Min.
Typ.
Max.
7
9
50
50
11
13
0.1
100
100
15
17
1
200
200
Unit
mA
mA
µA
Min.
Typ.
Max.
85
–5
–13
–9
–9
100
3.0
2.0
5.0
4.0
–100
–40
–70
–40
6
5
8.5
7.5
–20
4
2
–13
–6
6.5
6.5
–6
–55
Unit
dB
dB
dB
dB
dB
dBm
dBc
dB
dB
dB
dB
dB
dB
dB
dBc/Hz
dBc


Número de pieza similar - CXA3355ER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
   GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
   GPS Down Converter IC
More results

Descripción similar - CXA3355ER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sony Corporation
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
   GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
   GPS Down Converter IC
logo
Panasonic Semiconductor
AN18401A PANASONIC-AN18401A Datasheet
245Kb / 8P
   Down Converter IC for GPS
logo
Sony Corporation
CXA1951AQ SONY-CXA1951AQ Datasheet
364Kb / 16P
   GPS Down Converter
CXA1951Q SONY-CXA1951Q Datasheet
189Kb / 6P
   GPS Down Converter
logo
Sanyo Semicon Device
LA8153LF SANYO-LA8153LF Datasheet
176Kb / 7P
   Down Converter IC
logo
ON Semiconductor
LA8153QA ONSEMI-LA8153QA Datasheet
132Kb / 7P
   Down Converter IC
February, 2014
logo
Sony Corporation
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
   L-BAND DOWN CONVERTER IC
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
190Kb / 20P
   L BAND DOWN CONVERTER IC
logo
ATMEL Corporation
ATR2809 ATMEL-ATR2809_06 Datasheet
172Kb / 3P
   5.8-GHz Down Converter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com