Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SK3048 Datasheet(PDF) 1 Page - Panasonic Semiconductor

No. de pieza 2SK3048
Descripción Electrónicos  Silicon N-Channel Power F-MOS FET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SK3048 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SK3048 Datasheet HTML 1Page - Panasonic Semiconductor 2SK3048 Datasheet HTML 2Page - Panasonic Semiconductor 2SK3048 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power F-MOS FETs
unit: mm
2SK3048
Silicon N-Channel Power F-MOS FET
s Features
q Avalanche energy capacity guaranteed
q High-speed switching
q Low ON-resistance
q No secondary breakdown
s Applications
q Contactless relay
q Diving circuit for a solenoid
q Driving circuit for a motor
q Control equipment
q Switching power supply
s Electrical Characteristics (T
C = 25°C)
Parameter
Drain to Source cut-off current
Gate to Source leakage current
Drain to Source breakdown voltage
Gate threshold voltage
Drain to Source ON-resistance
Forward transfer admittance
Diode forward voltage
Input capacitance (Common Source)
Output capacitance (Common Source)
Reverse transfer capacitance (Common Source)
Turn-on time (delay time)
Rise time
Turn-off time (delay time)
Fall time
Symbol
IDSS
IGSS
VDSS
Vth
RDS(on)
| Yfs |
VDSF
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
Conditions
VDS = 480V, VGS = 0
VGS = ±30V, VDS = 0
ID = 1mA, VGS = 0
VDS = 25V, ID = 1mA
VGS = 10V, ID = 2A
VDS = 25V, ID = 2A
IDR = 3A, VGS = 0
VDS = 20V, VGS = 0, f = 1MHz
VDD = 200V, ID = 2A
VGS = 10V, RL = 100Ω
min
600
2
1.5
typ
1.7
2.5
750
80
25
15
25
90
40
max
100
±1
5
2.5
−1.5
Unit
µA
µA
V
V
S
V
pF
pF
pF
ns
ns
ns
ns
s Absolute Maximum Ratings (T
C = 25°C)
Parameter
Drain to Source breakdown voltage
Gate to Source voltage
Drain current
Avalanche energy capacity
Allowable power
dissipation
Channel temperature
Storage temperature
DC
Pulse
TC = 25°C
Ta = 25°C
Symbol
VDSS
VGSS
ID
IDP
EAS*
PD
Tch
Tstg
Ratings
600
±30
±3
±6
22.5
35
2
150
−55 to +150
Unit
V
V
A
A
mJ
W
°C
°C
*
L = 5mH, IL = 3A, 1 pulse
1
9.9±0.3
4.6±0.2
2.9±0.2
0.8±0.1
1.4±0.2
23
φ3.2±0.1
2.6±0.1
0.55±0.15
2.54±0.3
5.08±0.5
1.6±0.2
1: Gate
2: Drain
3: Source
TO-220D Package


Número de pieza similar - 2SK3048

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
2SK3048 ISC-2SK3048 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Guangdong Kexin Industr...
2SK3048DS-3 KEXIN-2SK3048DS-3 Datasheet
609Kb / 3P
   N-Channel MOSFET
More results

Descripción similar - 2SK3048

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
2SK867 PANASONIC-2SK867 Datasheet
41Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK996 PANASONIC-2SK996 Datasheet
64Kb / 1P
   Silicon N-channel Power F-MOS FET
2SK1266 PANASONIC-2SK1266 Datasheet
80Kb / 2P
   Silicon N-channel Power F-MOS FET
2SK2125 PANASONIC-2SK2125 Datasheet
46Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK2128 PANASONIC-2SK2128 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
2SK3030 PANASONIC-2SK3030 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3031 PANASONIC-2SK3031 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3033 PANASONIC-2SK3033 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3036 PANASONIC-2SK3036 Datasheet
23Kb / 1P
   Silicon N-Channel Power F-MOS FET
2SK3043 PANASONIC-2SK3043 Datasheet
45Kb / 3P
   Silicon N-Channel Power F-MOS FET
PUB4702 PANASONIC-PUB4702 Datasheet
34Kb / 2P
   Silicon N-Channel Power F-MOS FET
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com