Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA2021-100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza TA2021-100
Descripción Electrónicos  STEREO 100W (4-ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DPP-TM TECHNOLOGY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

TA2021-100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TA2021-100 Datasheet HTML 1Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 2Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 3Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 4Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 5Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 6Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 7Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 8Page - List of Unclassifed Manufacturers TA2021-100 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
T E C H NI CA L INFO RMA T IO N
4
Serial Bus Timing
Unless otherwise specified, _____________
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNITS
t CL
SCL (Clock) Period
µs
t SETUP
Data In Set-up Time to SCL Low
µs
t STABLE
Data Out Stable after SCL Low
µs
t START
SDA Low Set-up Time to SCL Low (Start Condition)
µs
t STOP
SDA High Hold Time after SCL High (Stop Condition)
µs
t
SETUP
t
STABLE
t
CL
t
START
OVERLOAD/SCL
HMUTE/SDA
(Data In)
HMUTE/SDA
(Data Out)
t
STOP


Número de pieza similar - TA2021-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TAI-SAW TECHNOLOGY CO.,...
TA2021A TAI-SAW-TA2021A Datasheet
442Kb / 6P
   SAW Filter 869MHz
logo
Tripath Technology Inc.
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
logo
TAI-SAW TECHNOLOGY CO.,...
TA2021B TAI-SAW-TA2021B Datasheet
708Kb / 6P
   SAW Filter 869 MHz (BW 2MHz) SMD 3X3 mm
More results

Descripción similar - TA2021-100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tripath Technology Inc.
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA2022 TRIPATH-TA2022 Datasheet
420Kb / 31P
   STEREO 90W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TK2070 TRIPATH-TK2070 Datasheet
422Kb / 21P
   STEREO 70W (4Ohm) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
logo
List of Unclassifed Man...
TIO-TA1101B ETC1-TIO-TA1101B Datasheet
189Kb / 5P
   STEREO 20W (4-ohm) CLASS-T DIGITAL AUDIO AMPLIFIER CARD USING DIGITAL POWER PROCESSING-TM TECHNOLOGY
logo
Tripath Technology Inc.
TA2021B TRIPATH-TA2021B Datasheet
268Kb / 12P
   STEREO 25W (4OHM) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TK2350 TRIPATH-TK2350 Datasheet
699Kb / 36P
   STEREO 300W (4 OHM ) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TC2000 TRIPATH-TC2000 Datasheet
202Kb / 9P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TCA2002 TRIPATH-TCA2002 Datasheet
257Kb / 18P
   STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
TDA2075A TRIPATH-TDA2075A Datasheet
459Kb / 24P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
TDA2125A TRIPATH-TDA2125A Datasheet
97Kb / 1P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSINGTM TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com