Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
54F407FM Datasheet(PDF) 7 Page - National Semiconductor (TI) |
|
|
54F407FM Datasheet(HTML) 7 Page - National Semiconductor (TI) |
7 / 10 page AC Electrical Characteristics (Continued) 54F Symbol Parameter TA VCC e Mil Units Fig CL e 50 pF No Min Max tcw Clock Period 360 ns ts(H) Setup Time HIGH or LOW 45 ts(L) I1–I3 to Negative-Going CP 45 ns 407-c th(H) Hold Time HIGH or LOW 0 th(L) I1–I3 to Positive-Going CP 0 ts(H) Setup Time HIGH or LOW 185 ts(L) Dn or C1 to Negative-Going CP 185 th(H) Hold Time HIGH or LOW 0 ns 407-c th(L) Dn or CI to 0 Negative-Going Clock ts(H) Setup Time HIGH or LOW 145 ts(L) CI to Positive-Going CP 145 ns 407-c th(H) Hold Time HIGH or LOW 0 th(L) CI to Positive-Going CP 0 tw(H) Clock Pulse Width 85 ns 407-c tw(L) HIGH or LOW 85 Ordering Information The device number is used to form part of a simplified purchasing code where the package type and temperature range are defined as follows 54F 407 D M QB Temperature Range Family Special Variations 54F e Military QB e Military grade device with environmental and burn-in Device Type processing Package Code Temperature Range D e Ceramic DIP M e Military (b55 Cto a125 C) SD e Slim Ceramic DIP F e Flatpak L e Leadless Chip Carrier (LCC) 7 |
Número de pieza similar - 54F407FM |
|
Descripción similar - 54F407FM |