Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STB20NM60A-1 Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza STB20NM60A-1
Descripción Electrónicos  N-CHANNEL 650V@Tjmax - 0.25 Ohm - 20A I짼PAK/TO-220/TO-220FP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB20NM60A-1 Datasheet(HTML) 4 Page - STMicroelectronics

  STB20NM60A-1 Datasheet HTML 1Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 2Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 3Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 4Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 5Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 6Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 7Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 8Page - STMicroelectronics STB20NM60A-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
STB20NM60A-1/STP20NM60A/STF20NM60A
4/12
Transfer Characteristics
Output Characteristics
Thermal Impedance for TO-220/I2PAK
Safe Operating Area for TO-220/I2PAK
Safe Operating Area for TO-220FP
Thermal Impedance for TO-220FP


Número de pieza similar - STB20NM60A-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STB20NM60 STMICROELECTRONICS-STB20NM60 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STB20NM60 STMICROELECTRONICS-STB20NM60 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
logo
Inchange Semiconductor ...
STB20NM60 ISC-STB20NM60 Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STB20NM60-1 STMICROELECTRONICS-STB20NM60-1 Datasheet
440Kb / 18P
   N-channel 600V - 0.25廓 - 20A - TO-247 - TO-220/FP - D2/I2PAK MDmesh??Power MOSFET
More results

Descripción similar - STB20NM60A-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
STP20NE06 STMICROELECTRONICS-STP20NE06 Datasheet
104Kb / 9P
   N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
STP6NB80 STMICROELECTRONICS-STP6NB80 Datasheet
44Kb / 6P
   N - CHANNEL 800V - 1.6 Ohm - 5.7A - TO-220/TO-220FP
September 1998
STP8NM50 STMICROELECTRONICS-STP8NM50_06 Datasheet
288Kb / 14P
   N-channel 550V @ Tjmax - 0.7廓 - 8A - TO-220 - TO-220FP MDmesh??Power MOSFET
STP9NC65 STMICROELECTRONICS-STP9NC65 Datasheet
343Kb / 9P
   N-CHANNEL 650V - 0.75omp - 8A TO-220/TO-220FP PowerMesh?줚I MOSFET
STP20NF06 STMICROELECTRONICS-STP20NF06 Datasheet
275Kb / 10P
   N-CHANNEL 60V - 0.06ohm - 20A TO-220/TO-220FP STripFET II POWER MOSFET
STP20NF06 STMICROELECTRONICS-STP20NF06_07 Datasheet
341Kb / 14P
   N-channel 60V - 0.06 - 20A - TO-220/TO-220FP STripFET II Power MOSFET
STP5NB90 STMICROELECTRONICS-STP5NB90 Datasheet
44Kb / 6P
   N - CHANNEL 900V - 2.3 ohm - 5A - TO-220/TO-220FP PowerMESH MOSFET
STP11NM60 STMICROELECTRONICS-STP11NM60_07 Datasheet
364Kb / 16P
   N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP9NK65Z STMICROELECTRONICS-STP9NK65Z Datasheet
158Kb / 7P
   N-CHANNEL 650V - 1ohm - 7A TO-220/TO-220FP Zener-Protected SuperMESH?줡ower MOSFET
July 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com