Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST300S04M1L Datasheet(PDF) 4 Page - International Rectifier |
|
ST300S04M1L Datasheet(HTML) 4 Page - International Rectifier |
4 / 8 page ST300S Series 4 Bulletin I25158 rev. B 01/94 www.irf.com T J Max. operating temperature range -40 to 125 T stg Max. storage temperature range -40 to 150 R thJC Max. thermal resistance, junction to case R thCS Max. thermal resistance, case to heatsink T Mounting torque, ± 10% 48.5 (425) wt Approximate weight 535 g Case style TO - 209AE (TO-118) See Outline Table Parameter ST300S Units Conditions 0.10 DC operation 0.03 Mounting surface, smooth, flat and greased °C Thermal and Mechanical Specification Non lubricated threads K/W Nm (lbf-in) ∆R thJC Conduction (The following table shows the increment of thermal resistence R thJC when devices operate at different conduction angles than DC) 180° 0.011 0.008 T J = T J max. 120° 0.013 0.014 90° 0.017 0.018 K/W 60° 0.025 0.026 30° 0.041 0.042 Conduction angle Sinusoidal conduction Rectangular conduction Units Conditions Ordering Information Table 1 - Thyristor 2 - Essential part number 3 - 0 = Converter grade 4 - S = Compression bonding Stud 5 - Voltage code: Code x 100 = V RRM (See Voltage Rating Table) 6 - P = Stud base 16UNF threads M = Stud base metric threads (M24 x 1.5) 7 - 0 = Eyelet terminals (Gate and Auxiliary Cathode Leads) 1 = Fast - on terminals (Gate and Auxiliary Cathode Leads) 3 = Threaded top terminal 3/8" 24UNF-2A 8 - Critical dv/dt: None = 500V/µsec (Standard value) L = 1000V/µsec (Special selection) Device Code 5 3 4 ST 30 0 S 20 P 0 7 8 12 6 |
Número de pieza similar - ST300S04M1L |
|
Descripción similar - ST300S04M1L |