Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI4410DY Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI4410DY
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4410DY Datasheet(HTML) 3 Page - Vishay Siliconix

  SI4410DY Datasheet HTML 1Page - Vishay Siliconix SI4410DY Datasheet HTML 2Page - Vishay Siliconix SI4410DY Datasheet HTML 3Page - Vishay Siliconix SI4410DY Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Si4410DY
Vishay Siliconix
Document Number: 71726
S-40838—Rev. L, 03-May-04
www.vishay.com
3
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
500
1000
1500
2000
2500
3000
0
6
12
18
24
30
0
10
20
30
40
50
0
2468
10
0
2
4
6
8
10
0
8
16
24
32
40
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
125
150
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0
10203040
50
0
10
20
30
40
50
0
1234
5
Output Characteristics
Transfer Characteristics
Gate Charge
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS = 10 V thru 4 V
3 V
VGS - Gate-to-Source Voltage (V)
TC = 125_C
25_C
-55_C
Qg - Total Gate Charge (nC)
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 15 V
ID = 10 A
ID - Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
VGS = 10 V
ID = 10 A
TJ - Junction Temperature (_C)
VGS = 4.5 V
VGS = 10 V


Número de pieza similar - SI4410DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
logo
Fairchild Semiconductor
SI4410DY FAIRCHILD-SI4410DY Datasheet
239Kb / 3P
   Single N-Channel Logic Level PowerTrench MOSFET
logo
International Rectifier
SI4410DY IRF-SI4410DY Datasheet
95Kb / 8P
   HEXFET Power MOSFET
logo
NXP Semiconductors
SI4410DY NXP-SI4410DY Datasheet
376Kb / 12P
   N-channel TrenchMOS logic level FET
Rev. 03 ??4 December 2009
logo
Guangdong Kexin Industr...
SI4410DY KEXIN-SI4410DY Datasheet
1Mb / 4P
   N-Channel MOSFET
More results

Descripción similar - SI4410DY

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com