Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FMM6G30US60 Datasheet(PDF) 2 Page - Fairchild Semiconductor |
|
FMM6G30US60 Datasheet(HTML) 2 Page - Fairchild Semiconductor |
2 / 9 page ©2003 Fairchild Semiconductor Corporation FMM6G30US60 Rev. A Electrical Characteristics of IGBT @ Inverter T C = 25°C unless otherwise noted Symbol Parameter Test Conditions Min. Typ. Max. Units Off Characteristics BVCES Collector-Emitter Breakdown Voltage VGE = 0V, IC = 250uA 600 -- -- V ∆BVCES/ ∆TJ Temperature Coeff. of Breakdown Voltage VGE = 0V, IC = 1mA -- 0.6 -- V/ °C ICES Collector Cut-Off Current VCE = VCES, VGE = 0V -- -- 250 uA IGES Gate - Emitter Leakage Current VGE = VGES, VCE = 0V -- -- ± 100 nA On Characteristics VGE(th) Gate - Emitter Threshold Voltage IC = 30mA, VCE = VGE 5.0 6.5 8.5 V VCE(sat) Collector to Emitter Saturation Voltage IC = 30A, VGE = 15V -- 2.1 2.7 V Dynamic Characteristics Cies Input Capacitance VCE = 30V, VGE = 0V, f = 1MHz -- 2100 -- pF Coes Output Capacitance -- 270 -- pF Cres Reverse Transfer Capacitance -- 36 -- pF Switching Characteristics td(on) Turn-On Delay Time VCC = 300 V, IC = 30A, RG = 15Ω, VGE = 15V, Inductive Load, TC = 25°C -- 110 150 ns tr Rise Time -- 90 200 ns td(off) Turn-Off Delay Time -- 150 200 ns tf Fall Time -- 130 250 ns Eon Turn-On Switching Loss -- 0.9 -- mJ Eoff Turn-Off Switching Loss -- 0.58 -- mJ td(on) Turn-On Delay Time VCC = 300 V, IC = 30A, RG = 15Ω, VGE = 15V, Inductive Load, TC = 125°C -- 100 150 ns tr Rise Time -- 90 200 ns td(off) Turn-Off Delay Time -- 150 200 ns tf Fall Time -- 200 400 ns Eon Turn-On Switching Loss -- 0.98 -- mJ Eoff Turn-Off Switching Loss -- 0.9 -- mJ Tsc Short Circuit Withstand Time VCC = 300 V, VGE = 15V @ TC = 100°C 10 -- -- us Qg Total Gate Charge VCE = 300 V, IC = 30A, VGE = 15V -- 90 150 nC Qge Gate-Emitter Charge -- 20 40 nC Qgc Gate-Collector Charge -- 35 70 nC |
Número de pieza similar - FMM6G30US60 |
|
Descripción similar - FMM6G30US60 |