Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2047 Datasheet(PDF) 22 Page - Texas Instruments

No. de pieza TPS2047
Descripción Electrónicos  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2047 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS2047 Datasheet HTML 18Page - Texas Instruments TPS2047 Datasheet HTML 19Page - Texas Instruments TPS2047 Datasheet HTML 20Page - Texas Instruments TPS2047 Datasheet HTML 21Page - Texas Instruments TPS2047 Datasheet HTML 22Page - Texas Instruments TPS2047 Datasheet HTML 23Page - Texas Instruments TPS2047 Datasheet HTML 24Page - Texas Instruments TPS2047 Datasheet HTML 25Page - Texas Instruments TPS2047 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
www.ti.com
IN
OC1
OC2
2
8
3
5
4
7
0.1
µF
10
µF
Internal
Function
OUT1
Power Supply
3.3 V
EN1
6
0.1
µF
10
µF
OUT2
Internal
Function
0.1
µF
10
µF
USB
Control
GND
VBUS
D−
D+
EN2
GND
1
TPS2042B
USB POWER-DISTRIBUTION REQUIREMENTS
TPS2041B,, TPS2042B
TPS2043B, TPS2044B, TPS2051B
TPS2052B, TPS2053B, TPS2054B
SLVS514E – APRIL 2004 – REVISED JANUARY 2006
APPLICATION INFORMATION (continued)
Figure 32. High-Power Bus-Powered Function (Example, TPS2042B)
USB can be implemented in several ways, and, regardless of the type of USB device being developed, several
power-distribution features must be implemented.
Hosts/self-powered hubs must:
– Current-limit downstream ports
– Report overcurrent conditions on USB VBUS
Bus-powered hubs must:
– Enable/disable power to downstream ports
– Power up at <100 mA
– Limit inrush current (<44
Ω and 10 µF)
Functions must:
– Limit inrush currents
– Power up at <100 mA
The feature set of the TPS204xB/TPS205xB allows them to meet each of these requirements. The integrated
current-limiting and overcurrent reporting is required by hosts and self-powered hubs. The logic-level enable and
controlled rise times meet the need of both input and output ports on bus-powered hubs, as well as the input
ports for bus-powered functions (see Figure 33 through Figure 36).
22


Número de pieza similar - TPS2047

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2047 TI-TPS2047 Datasheet
420Kb / 24P
[Old version datasheet]   TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047 TI-TPS2047 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2047 TI1-TPS2047 Datasheet
597Kb / 27P
[Old version datasheet]   TRIPLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047A TI-TPS2047A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2047A TI1-TPS2047A Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Descripción similar - TPS2047

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com