Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

AN5276 Datasheet(PDF) 6 Page - Panasonic Semiconductor

No. de Pieza. AN5276
Descripción  5 W X 2-ch (19V, 8 ohm) power amplifier with variable audio output and volume control
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo 

AN5276 Datasheet(HTML) 6 Page - Panasonic Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
AN5276
ICs for Audio Common Use
s Terminal Equivalent Circuits (continued)
Pin No.
Equivalent circuit
Description
DC voltage (V)
11
Standby
This is the standby control pin.
12
Ch.1 output
VCC/2
Ch.1 output pin
10
11
4
5 k
5 k
3 k
10
12
9
30 k
600
Pre amp.
Driver Cct


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn