Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN5276 Datasheet(PDF) 8 Page - Panasonic Semiconductor

No. de pieza AN5276
Descripción Electrónicos  5 W X 2-ch (19V, 8 ohm) power amplifier with variable audio output and volume control
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5276 Datasheet(HTML) 8 Page - Panasonic Semiconductor

  AN5276 Datasheet HTML 1Page - Panasonic Semiconductor AN5276 Datasheet HTML 2Page - Panasonic Semiconductor AN5276 Datasheet HTML 3Page - Panasonic Semiconductor AN5276 Datasheet HTML 4Page - Panasonic Semiconductor AN5276 Datasheet HTML 5Page - Panasonic Semiconductor AN5276 Datasheet HTML 6Page - Panasonic Semiconductor AN5276 Datasheet HTML 7Page - Panasonic Semiconductor AN5276 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
AN5276
ICs for Audio Common Use
s Technical Information
• P
D  Ta curves of HSI P012-P-0000A
0
0
Ambient Temperature T
a (°C)
25
50
75
100
125
150
10
20
30
40
50
60
70
80
20.8 W
62.5 W
(1)
(2)
(3)
(4)
15.6 W
3.0 W
(1) Tc = Ta, 62.5 °C/W(θj-c = 2 °C/W)
(2) 20.83 W(
θ
f = 4.0 °C/W)
With a 100cm
2
× 3mm Al heat
sink (black colour coated) or a
200cm
2
× 2mm Al heat sink (not
lacquered)
(3) 15.63 W(
θ
f = 6.0 °C/W)
With a 100cm
2
× 2mm Al heat sink
(not lacquered)
(4) 3.0 W at Ta = 25 °C(θj-a = 42 °C/W)
Without heat sink
PD  Ta


Número de pieza similar - AN5276

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AN5270 PANASONIC-AN5270 Datasheet
82Kb / 9P
   4.3 W X 1(8ohm) Power Amplifier with Volume Control and Tone Control
AN5272 PANASONIC-AN5272 Datasheet
65Kb / 6P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Variable Audio Output and Volume Control
AN5273 PANASONIC-AN5273 Datasheet
69Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5274 PANASONIC-AN5274 Datasheet
73Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5275 PANASONIC-AN5275 Datasheet
27Kb / 2P
   15W X 2Ch. Low Frequency Power Amplifier Circuit for TV
More results

Descripción similar - AN5276

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AN5272 PANASONIC-AN5272 Datasheet
65Kb / 6P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Variable Audio Output and Volume Control
logo
NXP Semiconductors
TDA7057AQ PHILIPS-TDA7057AQ Datasheet
116Kb / 16P
   2 x 8 W stereo BTL audio output amplifier with DC volume control
1998 Apr 07
logo
Panasonic Semiconductor
AN5273 PANASONIC-AN5273 Datasheet
69Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
AN5274 PANASONIC-AN5274 Datasheet
73Kb / 7P
   4.0 W X 2 (18 V, 8 ohm) Power Amplifier with Mute Function and Volume Control
logo
Texas Instruments
TPA0232 TI-TPA0232 Datasheet
449Kb / 30P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
[Old version datasheet]   STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
logo
Panasonic Semiconductor
AN5278 PANASONIC-AN5278 Datasheet
77Kb / 9P
   4.8 W X 1 (18 V, 8 ohm) Power Amplifier with Volume and Tone Control
logo
Texas Instruments
TPA0132 TI-TPA0132 Datasheet
449Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0142 TI-TPA0142 Datasheet
455Kb / 30P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA0162 TI-TPA0162 Datasheet
447Kb / 29P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com