Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1PS10SB63 Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza 1PS10SB63
Descripción Electrónicos  Schottky barrier diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS10SB63 Datasheet(HTML) 3 Page - NXP Semiconductors

  1PS10SB63 Datasheet HTML 1Page - NXP Semiconductors 1PS10SB63 Datasheet HTML 2Page - NXP Semiconductors 1PS10SB63 Datasheet HTML 3Page - NXP Semiconductors 1PS10SB63 Datasheet HTML 4Page - NXP Semiconductors 1PS10SB63 Datasheet HTML 5Page - NXP Semiconductors 1PS10SB63 Datasheet HTML 6Page - NXP Semiconductors 1PS10SB63 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2003 Aug 20
3
Philips Semiconductors
Product specification
Schottky barrier diode
1PS10SB63
ELECTRICAL CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: pulse width = 300
µs; δ = 0.02.
THERMAL CHARACTERISTICS
Note
1. Refer to SOD882 standard mounting conditions (footprint), FR4 with 60
µm copper strip line.
Soldering
Reflow soldering is the only recommended soldering method.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
see Fig.2
IF = 0.1 mA
160
200
mV
IF = 1 mA
240
300
mV
IR
continuous reverse current
see Fig.3
VR = 1 V
0.4
1
µA
VR = 5 V; note 1
50
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz; see Fig.4
0.35
0.5
pF
LS
series inductance
0.6
nH
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W


Número de pieza similar - 1PS10SB63

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1PS10SB62 PHILIPS-1PS10SB62 Datasheet
49Kb / 8P
   Schottky barrier diode
2003 May 15
More results

Descripción similar - 1PS10SB63

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com