Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KT-LED-96-2R-24VDC Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

No. de pieza KT-LED-96-2R-24VDC
Descripción Electrónicos  Temperature control unit with LED display and 24 VDC supply voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PF [Pepperl+Fuchs Inc.]
Página de inicio  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KT-LED-96-2R-24VDC Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  KT-LED-96-2R-24VDC Datasheet HTML 1Page - Pepperl+Fuchs Inc. KT-LED-96-2R-24VDC Datasheet HTML 2Page - Pepperl+Fuchs Inc. KT-LED-96-2R-24VDC Datasheet HTML 3Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Temperature control unit with LED
display
KT-LED-96-2R-24VDC
< Galvanic isolation
< Polarity reversal protected
< Degree of protection IP65 (front only)
Temperature control unit with LED display and 24 VDC supply voltage
Dimensions
96
≤ 19
3.3
67.1
6.5
13.8
92
+0.6
Technical Data
General specifications
Data storage
106 storage cycles or 10 years, EEPROM
Programming
keypad-driven menu
Functional safety related parameters
MTTFd
350 a
Mission Time (TM)
10 a
Diagnostic Coverage (DC)
0 %
Indicators/operating means
Type
5-digit 7-segment LED display, red
Display value
digit height 14.2 mm
Display interval
-19999 ... 99999
with suppression of leading zeros
Decimal point
0 to max 1 fractional digit
Reset
manually or external
Electrical specifications
Fusing
250 mA/T
Operating voltage
UB
10 ... 30 V DC galvanically isolated
1
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com


Número de pieza similar - KT-LED-96-2R-24VDC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pepperl+Fuchs Inc.
KT-LED-24-PT100-24VDC PF-KT-LED-24-PT100-24VDC Datasheet
664Kb / 3P
   LED temperature display
KT-LED-24-TC-24VDC PF-KT-LED-24-TC-24VDC Datasheet
655Kb / 2P
   LED temperature display for thermocouples J/K/N, with 24 VDC supply voltage
More results

Descripción similar - KT-LED-96-2R-24VDC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pepperl+Fuchs Inc.
KC-LED-96-1T-24VDC PF-KC-LED-96-1T-24VDC Datasheet
1Mb / 2P
   LED display with 24 VDC supply voltage
KT-LED-24-TC-24VDC PF-KT-LED-24-TC-24VDC Datasheet
655Kb / 2P
   LED temperature display for thermocouples J/K/N, with 24 VDC supply voltage
logo
WAGO Kontakttechnik Gmb...
787-2742 WAGO-787-2742 Datasheet
360Kb / 8P
   Power supply unit; Eco; 3-phase; 24 VDC output voltage
750-626-025-000 WAGO-750-626-025-000 Datasheet
479Kb / 11P
   Supply Filter; 24 VDC; Ext. Temperature
750-602-025-000 WAGO-750-602-025-000 Datasheet
448Kb / 11P
   Power Supply; 24 VDC; Ext. Temperature
logo
Pepperl+Fuchs Inc.
KC-LCD-48-1R-24VDC PF-KC-LCD-48-1R-24VDC Datasheet
1Mb / 3P
   LCD batch controller with 1 relay output and 24 VDC supply voltage
KH-LCD-24-24VDC PF-KH-LCD-24-24VDC Datasheet
826Kb / 2P
   LCD operating hours counter with 24 VDC supply voltage
logo
Maxim Integrated Produc...
MAX1729 MAXIM-MAX1729 Datasheet
158Kb / 12P
   ECB and LCD Display Bias Supply with Accurate Output Voltage and Temperature Compensation
19-1406; Rev 1; 1/99
logo
WAGO Kontakttechnik Gmb...
857-424 WAGO-857-424 Datasheet
711Kb / 11P
   Isolation amplifier; Current and voltage input signal; Supply voltage: 24 VDC;
750-626-025-001 WAGO-750-626-025-001 Datasheet
480Kb / 11P
   Supply Filter; 24 VDC; Higher isolation; Ext. Temperature
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com