Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


CDB5340 Datasheet(Hoja de datos) 11 Page - Cirrus Logic

No. de Pieza. CDB5340
Descripción  The CDB5340 evaluation board is an excellent means for quickly evaluating the CS5340 24-bit, stereo A/D converter.
Descarga  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo 

 
 11 page
background image
DS601DB1
11
CDB5340
CDB5340




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
SI3225PPT-EVBEVALUATION BOARD FOR THE Si3225 DUAL PROSLIC 1 2 3 4 5 MoreSilicon Laboratories
SI3232PPT0-EVBEVALUATION BOARD FOR THE Si3232 DUAL PROSLIC 1 2 3 4 5 MoreSilicon Laboratories
EVAL-AD7707EBEvaluation Board for the AD7707 3V/5V +/-10V Input Range 1mW 3Channel 16-Bit Sigma Delta ADC 1 2 3 4 5 MoreAnalog Devices
EVAL-AD1852EB24-Bit Stereo DAC Evaluation Board 1 2 3 4 5 MoreAnalog Devices
SI3220PPT-EVBEVALUATION BOARD FOR THE Si3220 DUAL PROSLIC 1 2 3 4 5 MoreSilicon Laboratories
EVAL-AD7472CBEvaluation Board for 12-bit high speed low power successive-approximation ADC 1 2 3 4 5 MoreAnalog Devices
EVAL-ADF4213EB22.35GHz Dual Evaluation Board For PLL Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices
AKD4380EVALUATION BOARD REV.A FOR AK4380 1 2 3 4 5 MoreAsahi Kasei Microsystems
AKD5352EVALUATION BOARD REV.B FOR AK5352 1 2 3 4 5 MoreAsahi Kasei Microsystems
ECLSOIC8EVBEvaluation Board Manual for High Frequency SOIC 8 1 2 3 4 5 MoreON Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl