Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SS12T3G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza SS12T3G
Descripción Electrónicos  Surface Mount Schottky Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3G Datasheet(HTML) 2 Page - ON Semiconductor

  SS12T3G Datasheet HTML 1Page - ON Semiconductor SS12T3G Datasheet HTML 2Page - ON Semiconductor SS12T3G Datasheet HTML 3Page - ON Semiconductor SS12T3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SS12, SS14
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
SS12
SS14
VRRM
VRWM
VR
20
40
V
Average Rectified Forward Current
(At Rated VR, TC = 120°C)
IO
1.0
A
Peak Repetitive Forward Current
(At Rated VR, Square Wave, 20 kHz, TC = 120°C)
IFRM
2.0
A
Non−Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions Halfwave, Single Phase, 60 Hz)
IFSM
60
A
Storage/Operating Case Temperature
Tstg, TC
−55 to +150
°C
Operating Junction Temperature
TJ
−55 to +150
°C
Voltage Rate of Change
(Rated VR, TJ = 25°C)
dv/dt
10,000
V/
ms
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance,
Junction−to−Lead (Note 1)
Thermal Resistance,
Junction−to−Ambient (Note 1)
RqJL
RqJA
35
86
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 2)
see Figure 2for other Values
(IF = 1.0 A)
VF
TJ = 25°C
V
0.47
Maximum Instantaneous Reverse Current
see Figure 4 for other Values
(VR = 20 V)
(VR = 40 V)
IR
TJ = 25°C
TJ = 100°C
mA
0.045
0.1
2.0
5.0
1. Mounted on 2 in Square PC Board with 1 in Square Total Pad Size, PC Board FR4.
2. Pulse Test: Pulse Width
≤ 250 ms, Duty Cycle ≤ 2.0%.
0.1
1
10
0.10
0.30
0.50
0.70
0.90
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
Figure 1. Typical Forward Voltage
TJ = 150°C
TJ = 100°C
TJ = −55°C
TJ = 25°C
0.1
1
10
0.10
0.30
0.50
0.70
0.90
TJ = −55°C
TJ = 25°C
TJ = 150°C
TJ = 100°C
VF, MAXIMUM FORWARD VOLTAGE (V)
Figure 2. Maximum Forward Voltage


Número de pieza similar - SS12T3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
SS12T3G ONSEMI-SS12T3G Datasheet
64Kb / 4P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
More results

Descripción similar - SS12T3G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com