Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN7124 Datasheet(PDF) 4 Page - Panasonic Semiconductor

No. de pieza AN7124
Descripción Electrónicos  Dual 3.1 W Audio Power Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7124 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN7124 Datasheet HTML 1Page - Panasonic Semiconductor AN7124 Datasheet HTML 2Page - Panasonic Semiconductor AN7124 Datasheet HTML 3Page - Panasonic Semiconductor AN7124 Datasheet HTML 4Page - Panasonic Semiconductor AN7124 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
AN7124
ICs for Audio Common Use
s Application Note
1.Voltage gain
The close loop gain of AN7124 is fixed at 45 dB(typ.)
GV = 20 log(
R1
)
R2
2.Standby function
Standby is ON when Pin1 is set to "L". By applying a 5 V to the standby pin, transistor Q1 will be turned ON to
provide a constant current (I) for driving other parts of the circuit. The RC is to create a TIME CONSTANT for the
standby pulse during charging and discharging.
Threshold voltage (at Pin1) :
ON
<2.8 V<OFF
Impedance, ZSTBY ≈ 1 kHz
3.Muting
By controlling Pin2 from "H" to "L", the mute function is set from ON to OFF. When Pin2 is floating, DC
≈ 0.02
V. The threshold is set
≈ 2.8 V. The RC is to create a TIME CONSTANT for the mute pulse during charging and
discharging.
Threshold voltage (at Pin2) :
10 % mute
= 1.5 V
90 % mute
= 2.8 V
Impedance, ZMUTE ∞ 45 kΩ
15 k
84
R1
R2
R
C
1
Stb
Off
On
ZSTBY
VCC
Q1
I
5 V
R
C
2
Bias
Mute
Off
On
ZMUTE
5 V


Número de pieza similar - AN7124

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AN7124 ETC2-AN7124 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Descripción similar - AN7124

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1_07 Datasheet
1Mb / 29P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Hitachi Semiconductor
HA13119 HITACHI-HA13119 Datasheet
54Kb / 9P
   Dual 5.5 W Audio Power Amplifier
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com