Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

9308-01 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

No. de Pieza. 9308-01
Descripción  13.5 GHz Low Power UltraCMOS™ Divide-by-4 Prescaler for RAD-Hard Space Applications
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PEREGRINE [Peregrine Semiconductor Corp.]
Página de inicio  http://www.peregrine-semi.com
Logo 

9308-01 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Advance Information
PE9308
Page 5 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0187-01
│ www.psemi.com
Evaluation Kit
Figure 8. Evaluation Board Layouts
Figure 9. Evaluation Board Schematic
Peregrine Specification 102/0247
Peregrine Specification 101/0186
Applications Support
If you have a problem with your evaluation kit or if
you have applications questions call (858) 731-
9400 and ask for applications support. You may
also contact us by fax or e-mail:
Fax: (858) 731-9499
E-Mail: help@psemi.com
The Ceramic SOIC Prescaler Evaluation Board
was designed to help customers evaluate the
PE9308 divide-by-4 prescaler. On this board, the
device input (pin 3) is connected to the SMA
connector J2 through a 50
Ω transmission line.
The device output (pin 6) is connected to SMA
connector J3 through a 50
Ω transmission line.
J1 provides DC power to the device via pin
1,2,4,5,7,8.Multiple decoupling capacitors
(C4,5,8,9=10pF, C3,6,7,10=0.01uF) are used. It is
the responsibility of the customer to determine
proper supply decoupling for their design
application. The board is constructed using 4
layers. The top and bottom layers are comprised
of Rogers low loss 4350 material having a core
thickness of 0.010"; while the internal layers are
comprised of FR-4. The overall board thickness is
0.062".


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn