Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

9312-11 Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

No. de pieza 9312-11
Descripción Electrónicos  1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PEREGRINE [Peregrine Semiconductor Corp.]
Página de inicio  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9312-11 Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

  9312-11 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9312-11 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9312-11 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9312-11 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9312-11 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9312-11 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9312-11 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Product Specification
PE9312
Page 6 of 7
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0119-02
│ UltraCMOS™ RFIC Solutions
TOP VIEW
.050 TYP
.015 TYP
.150 TYP
.380 / .410
.210 / .250
.180 SQ MAX
Pin 1
SIDE VIEW
.070 MAX
Table 4. Ordering Information
Order Code
Part Marking
Description
Package
Shipping
Method
9312-01
PE9312
PE9312-08CFPG-B Engineering Samples
Gullwing Glass Flatpack
50 / Tray
9312-11
PE9312
PE9312-08CFPG-B Production Units
Gullwing Glass Flatpack
50 / Tray
9312-00
PE9312-EK
PE9312 Evaluation Kit
Evaluation Kit
1 / Box
8-lead CSOIC
Figure 10. Package Drawing


Número de pieza similar - 9312-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Belden Inc.
9312-0601000 BELDEN-9312-0601000 Datasheet
167Kb / 2P
   High Perform Instr, 1 Pr #12 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
08-09-2023
9312-060500 BELDEN-9312-060500 Datasheet
167Kb / 2P
   High Perform Instr, 1 Pr #12 Str TC, PVC Ins E2, OS, PVC Jkt, PLTC
08-09-2023
More results

Descripción similar - 9312-11

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Peregrine Semiconductor
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
   13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com