Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM27964SQX-A Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM27964SQX-A
Descripción Electrónicos  White LED Driver System with I2C Compatible Brightness Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27964SQX-A Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM27964SQX-A Datasheet HTML 1Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 2Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 3Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 4Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 5Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 6Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 7Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 8Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical Characteristics (Notes 2, 8) (Continued)
Limits in standard typeface are for T
J = 25˚C, and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN = 3.6V; VDxA = 0.4V; VDxB = 0.4V; VDKEY = 0.4V; RSETA =RSETB =RSETK = 16.9k
Ω; BankA,
BankB, and DKEY = Fullscale Current; ENA, ENB, ENK Bits = “1”; C1=C2=1.0µF, C
IN=COUT=2.2µF; Specifications related to
output current(s) and current setting pins (I
Dxx and ISETx) apply to BankA, BankB and DKEY. (Note 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
HR
Current Source Headroom Voltage
Requirement
(Note 11)
I
Dxx = 95% xIDxx (nom.)
(I
Dxx (nom)
≈ 15mA)
BankA and/or BankB Full-Scale
Gain = 3/2, ENA and/or ENB = "1"
180
mV
I
DKEY = 95% xIDKEY (nom.)
(I
DKEY (nom)
≈ 60mA)
DKEY Full-Scale
Gain = 3/2, ENK = "1"
180
I
Dxx-MATCH LED Current Matching
(Note 12)
0.2
2
%
I
Q
Quiescent Supply Current
Gain = 1.5x, No Load
1.3
1.7
mA
I
SD
Shutdown Supply Current
All ENx bits = "0"
3.0
5
µA
V
SET
I
SET Pin Voltage
2.7V
≤ V
IN
≤ 5.5V
1.25
V
I
DxA-B /
I
SETA-B
Output Current to Current Set
Ratio BankA and BankB
200
I
DKEY /
I
SETK
Output Current to Current Set
Ratio DKEY
800
f
SW
Switching Frequency
500
700
900
kHz
t
START
Start-up Time
P
OUT = 90% steady state
250
µs
f
PWM
Internal Diode Current PWM
Frequency
LM27964SQ-I
10
kHz
LM27964SQ-A
23
D.C. Step Diode Current Duty Cycle Step
1/16
Fullscale
I
2C Compatible Interface Voltage Specifications (SCL, SDIO, VIO)
V
IO
Serial Bus Voltage Level
1.8
V
IN
V
V
IL
Input Logic Low "0"
2.7V
≤ V
IN
≤ 5.5V
0
0.27 x
V
IO
V
V
IH
Input Logic High "1"
2.7V
≤ V
IN
≤ 5.5V
0.73 x
V
IO
V
IO
V
V
OL
Output Logic Low "0"
I
LOAD = 2mA
400
mV
I
2C Compatible Interface Timing Specifications (SCL, SDIO, VIO)(Note 13)
t
1
SCL (Clock Period)
2.5
µs
t
2
Data In Setup Time to SCL High
100
ns
t
3
Data Out stable After SCL Low
0
ns
t
4
SDIO Low Setup Time to SCL Low
(Start)
100
ns
t
5
SDIO High Hold Time After SCL
High (Stop)
100
ns
20138113
www.national.com
4


Número de pieza similar - LM27964SQX-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM27964SQX-C NSC-LM27964SQX-C Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
LM27964SQX-I NSC-LM27964SQX-I Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
More results

Descripción similar - LM27964SQX-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Texas Instruments
LM27964 TI1-LM27964 Datasheet
1Mb / 22P
[Old version datasheet]   LM27964 White LED Driver System with I2C Compatible Brightness Control
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Texas Instruments
LM27965 TI1-LM27965 Datasheet
1,017Kb / 23P
[Old version datasheet]   LM27965 Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com