Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPCA8016-H Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TPCA8016-H
Descripción Electrónicos  High-Speed and High-Efficiency DC-DC Converters Notebook PC Applications Portable Equipment Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8016-H Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCA8016-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8016-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8016-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8016-H Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPCA8016-H
2004-09-07
2
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
(Tc=25℃)
Rth (ch-c)
2.78
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2a)
Rth (ch-a)
44.6
°C/W
Thermal resistance, channel to ambient
(t
= 10 s)
(Note 2b)
Rth (ch-a)
78.1
°C/W
Marking (Note 5)
Note 1: Ensure that the channel temperature does not exceed 150°C.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: VDD = 24 V, Tch = 25°C (initial), L = 0.1 mH, RG = 25 Ω, IAR = 25 A
Note 4: Repetitive rating: pulse width limited by max channel temperature
Note 5:
(a)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
(b)
FR-4
25.4
× 25.4 × 0.8
(Unit: mm)
* Weekly code: (Three digits)
Week of manufacture
(01 for the first week of the year, continuing up to 52 or 53)
Year of manufacture
( The last digit of the year)
Type
TPCA
8016-H
Lot No.


Número de pieza similar - TPCA8016-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCA8016-H TOSHIBA-TPCA8016-H Datasheet
308Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
logo
VBsemi Electronics Co.,...
TPCA8016-H VBSEMI-TPCA8016-H Datasheet
1Mb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Toshiba Semiconductor
TPCA8016-H TOSHIBA-TPCA8016-H_06 Datasheet
308Kb / 7P
   High-Efficiency DC竊뢈C Converter Applications
More results

Descripción similar - TPCA8016-H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TPCM8001-H TOSHIBA-TPCM8001-H Datasheet
42Kb / 4P
   High Speed and High Efficiency DC-DC Converters, Notebook PC Applications, Portable Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H Datasheet
291Kb / 7P
   High Speed and High Efficiency DC-DC Converters Notebook PC Applications Portable Equipment Applications
TPC8009-H TOSHIBA-TPC8009-H_06 Datasheet
226Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCA8003-H TOSHIBA-TPCA8003-H Datasheet
470Kb / 7P
   High Efficiency DC/DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8013-H TOSHIBA-TPC8013-H_06 Datasheet
208Kb / 7P
   High-Efficiency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8018-H TOSHIBA-TPC8018-H Datasheet
475Kb / 7P
   High-Speed and High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPCP8103-H TOSHIBA-TPCP8103-H_09 Datasheet
253Kb / 7P
   High Efficiency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications CCFL Inverter Applications
TPCA8045-H TOSHIBA-TPCA8045-H Datasheet
206Kb / 7P
   High-Effciency DC-DC Converter Applications Notebook PC Applications Portable Equipment Applications
TPC8A07-H TOSHIBA-TPC8A07-H Datasheet
283Kb / 12P
   HIgh Effciency DC-DC Converter Applications Notebook PC Applications Portable-Equipment Applications
TPC8017-H TOSHIBA-TPC8017-H_06 Datasheet
543Kb / 7P
   High-Effciency DC/DC Converter Applications Notebook PC Applications Portable-Equipment Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com