Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHC1G03DFT4 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza MC74VHC1G03DFT4
Descripción Electrónicos  2-Input NAND Gate with Open Drain Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

MC74VHC1G03DFT4 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MC74VHC1G03DFT4 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC74VHC1G03DFT4 Datasheet HTML 2Page - List of Unclassifed Manufacturers MC74VHC1G03DFT4 Datasheet HTML 3Page - List of Unclassifed Manufacturers MC74VHC1G03DFT4 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LESHAN RADIO COMPANY, LTD.
VH3–4/4
MC74VHC1G03
DEVICE ORDERING INFORMATION
Device Nomenclature
Device Order
Number
Logic
Circuit
Indicator
Temp
Range
Identifier
Technology
Device
Function
Package
Suffix
Tape and
Reel Suffix
Package Type
(Name/SOT#/
Common Name)
Tape and
Reel Size
MC74VHC1G03DFT1
MC
74
VHC1G
03
DF
T1
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
MC74VHC1G03DFT2
MC
74
VHC1G
03
DF
T2
SC–70/SC–88A/
178 mm (7 in)
SOT–353
3000 Unit
MC74VHC1G03DFT4
MC
74
VHC1G
03
DF
T4
SC–70/SC–88A/
330 mm (13 in)
SOT–353
10,000 Unit
MC74VHC1G03DTT1
MC
74
VHC1G
03
DT
T1
SOT–23/TSOPS/
178 mm (7 in)
SC–59
3000 Unit
MC74VHC1G03DTT3
MC
74
VHC1G
03
DT
T3
SOT–23/TSOPS/
330 mm (13 in)
SC–59
10,000 Unit
Figure 5. Switching Waveforms
Figure 4. Output Voltage Mismatch Application
C L = 50 pF equivalent (Includes jig and probe capacitance)
R L = R 1 = 500
Ω or equivalent
R T = Z OUT of pulse generator (typically 50
Ω)
Figure 6. Test Circuit
Figure 7. Complex Boolean Functions
Figure 8. LED Driver
Figure 9. GTL Driver
3


Número de pieza similar - MC74VHC1G03DFT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-Tech Electronics LTD
MC74VHC1G03DFT4 ETL-MC74VHC1G03DFT4 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
More results

Descripción similar - MC74VHC1G03DFT4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-Tech Electronics LTD
MC74VHC1G01 ETL-MC74VHC1G01 Datasheet
579Kb / 4P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G03 ETL-MC74VHC1G03 Datasheet
607Kb / 4P
   2-Input NAND Gate with Open Drain Output
logo
Leshan Radio Company
L74VHC1G01 LRC-L74VHC1G01 Datasheet
225Kb / 6P
   2-Input NAND Gate with Open Drain Output
MC74VHC1G01 LRC-MC74VHC1G01 Datasheet
153Kb / 4P
   2-Input NAND Gate with Open Drain Output
L74VHC1G03 LRC-L74VHC1G03 Datasheet
207Kb / 6P
   2-Input NAND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01 Datasheet
78Kb / 6P
   2-Input NAND Gate with Open Drain Output
June, 2005 ??Rev. 14
logo
Toshiba Semiconductor
TC7SZ38F TOSHIBA-TC7SZ38F Datasheet
188Kb / 7P
   2-Input NAND Gate(Open Drain Output)
logo
ON Semiconductor
NL17SZ38 ONSEMI-NL17SZ38 Datasheet
266Kb / 10P
   2-Input NAND Gate, Open Drain Output
December, 2019 ??Rev. 0
logo
Texas Instruments
SN74LVC1G38 TI1-SN74LVC1G38_16 Datasheet
1Mb / 21P
[Old version datasheet]   Single 2-Input NAND Gate With Open-Drain Output
logo
ON Semiconductor
MC74VHC1G01 ONSEMI-MC74VHC1G01_16 Datasheet
84Kb / 6P
   Single 2-Input NAND Gate with Open Drain Output
December, 2016 ??Rev. 16
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com