Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMX5453 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza LMX5453
Descripción Electrónicos  Micro-Module Integrated Bluetooth-R 2.0 Baseband Controller and Radio
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX5453 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMX5453 Datasheet HTML 1Page - National Semiconductor (TI) LMX5453 Datasheet HTML 2Page - National Semiconductor (TI) LMX5453 Datasheet HTML 3Page - National Semiconductor (TI) LMX5453 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4.0 Features (Continued)
n
I/O voltage range 1.6–3.6V
n
60-pad micro-module BGA package (6.1 mm x 9.1 mm x
1.2 mm)
5.0 Interfaces
n
Full-duplex UART supporting transfer rates up to 921.6
kbps including baud rate detection for HCI
n
Full speed (12 Mbps) USB 2.0 for HCI
n
ACCESS.bus and SPI/Microwire for interfacing with
external non-volatile memory
n
Advanced Audio Interface (AAI) for interfacing with
external 8-kHz PCM codec
n
Up to 3 GPIO port pins (OP4/PG4, PG6, PG7)
controllable by HCI commands
n
JTAG based serial on-chip debug interface
n
Single Rx/Tx-pad radio interface
6.0 Ordering Information
Order
Number
Spec.
Shipment Method
LMX5453SM
NOPB
(Note 1)
320 pcs Tray
LMX5453SMX
NOPB
(Note 1)
2500 pcs Tape & Reel
Note 1: NOPB = No Pb (No Lead)
7.0 Functional Block Diagram
20180501
www.national.com
2


Número de pieza similar - LMX5453

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMX5453 TI1-LMX5453 Datasheet
2Mb / 40P
[Old version datasheet]   LMX5453 Micro-Module Integrated Bluetooth짰2.0 Baseband Controller and Radio
LMX5453SM/NOPB TI1-LMX5453SM/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   LMX5453 Micro-Module Integrated Bluetooth짰2.0 Baseband Controller and Radio
LMX5453SMX/NOPB TI1-LMX5453SMX/NOPB Datasheet
2Mb / 40P
[Old version datasheet]   LMX5453 Micro-Module Integrated Bluetooth짰2.0 Baseband Controller and Radio
More results

Descripción similar - LMX5453

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMX5452 NSC-LMX5452 Datasheet
525Kb / 3P
   Micro-Module Integrated Bluetooth-R 1.2 Baseband Controller and Radio
logo
Texas Instruments
LMX5452 TI1-LMX5452_14 Datasheet
217Kb / 5P
[Old version datasheet]   Micro-Module Integrated Bluetooth 1.2 Baseband Controller and Radio
LMX5452 TI1-LMX5452 Datasheet
841Kb / 10P
[Old version datasheet]   Micro-Module Integrated Bluetooth짰 1.2 Baseband Controller and Radio
LMX5453 TI1-LMX5453 Datasheet
2Mb / 40P
[Old version datasheet]   LMX5453 Micro-Module Integrated Bluetooth짰2.0 Baseband Controller and Radio
logo
List of Unclassifed Man...
IS1002 ETC1-IS1002 Datasheet
84Kb / 13P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
PCF87852 PHILIPS-PCF87852 Datasheet
73Kb / 12P
   Bluetooth baseband controller
Rev. 01-23 April 2004
logo
Motorola, Inc
MC71000 MOTOROLA-MC71000 Datasheet
556Kb / 32P
   Bluetooth Baseband Controller
logo
NXP Semiconductors
BGB203 PHILIPS-BGB203 Datasheet
1Mb / 24P
   Bluetooth System-in-a-Package radio with baseband controller
Rev. 1.0-2005 July 28
logo
OKI electronic componet...
ML70511LA OKI-ML70511LA Datasheet
156Kb / 26P
   Bluetooth Baseband Controller IC
ML70512 OKI-ML70512 Datasheet
332Kb / 29P
   Bluetooth Baseband Controller IC
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com