Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IZ1238M Datasheet(PDF) 2 Page - Integral Corp.

No. de pieza IZ1238M
Descripción Electrónicos  8-DIGITS CURENCY CALCULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEGRAL [Integral Corp.]
Página de inicio  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1238M Datasheet(HTML) 2 Page - Integral Corp.

  IZ1238M Datasheet HTML 1Page - Integral Corp. IZ1238M Datasheet HTML 2Page - Integral Corp. IZ1238M Datasheet HTML 3Page - Integral Corp. IZ1238M Datasheet HTML 4Page - Integral Corp. IZ1238M Datasheet HTML 5Page - Integral Corp. IZ1238M Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IZ1238M
2
ELECTRICAL CHARACTERISTICS
(Ta = 25
oC, V
DD = 1.5V,
unless otherwise specified)
Characteristic
Symb
ol
Test Condition
Min
Typ
Max
Unit
Operating Voltage
1.1
1.5
1.8
V
VIH
VDD - 0.4
V
Input Voltage (Pins K2 ~
K6)
VIL
0.4
IIH
VIN = VDD
1
µA
Input Current (Pins K2 ~
K6)
IIL
VIN = 0V
0.3
1
3
VOH
without load
VDD -
0.15
V
Output Voltage 1 (P1,
P2, A2~A5)
VOL
IOL = 15
µA
0.15
VOA
without load
2.80
2.95
VOB
without load
1.30
1.50
1.70
V
Output Voltage 2 (H1 ~
H3,
a1 ~ a9, b1 ~ b8, c1 ~
c8)
VOC
without load
0
0.20
Display Frequency
Fd
VDD = 1.3V while display is
on,
Rf = 560K
55
75
Hz
IOFF
display is off
0.1
IDIS
VDD = 1.3V while display is
on
3.5
5
µA
Supply Current
IOP
VDD = 1.1V, while
operation
5.6
OUTPUT WAVEFORM 1; Hi (i = 1, 2, 3)
OUTPUT WAVEFORM 2; ai, bi, ci, (i = 1, 2, ... , 8)
FUNCTIONAL DESCRIPTION
Decimal point system
Complete floating decimal point system. 8 digits leading zero suppression. Zero shift.
Symbols
: - : negative number display


Número de pieza similar - IZ1238M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
IZ1236 INTEGRAL-IZ1236 Datasheet
151Kb / 6P
   8-DIGIT CALCULATOR WITH MARKER
IZ1236MR INTEGRAL-IZ1236MR Datasheet
151Kb / 6P
   8-DIGIT CALCULATOR WITH MARKER
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
More results

Descripción similar - IZ1238M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
IZ1229M INTEGRAL-IZ1229M Datasheet
108Kb / 6P
   10-DIGITS CALCULATOR
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
   Scientific 10 Digits LCD Calculator
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
logo
Silan Microelectronics ...
SC3423 SILAN-SC3423 Datasheet
238Kb / 13P
   8-DIGIT CALCULATOR
logo
Integral Corp.
IZ1225M INTEGRAL-IZ1225M Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com