Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IZ12291M Datasheet(PDF) 3 Page - Integral Corp.

No. de pieza IZ12291M
Descripción Electrónicos  10-DIGITS CALCULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEGRAL [Integral Corp.]
Página de inicio  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ12291M Datasheet(HTML) 3 Page - Integral Corp.

  IZ12291M Datasheet HTML 1Page - Integral Corp. IZ12291M Datasheet HTML 2Page - Integral Corp. IZ12291M Datasheet HTML 3Page - Integral Corp. IZ12291M Datasheet HTML 4Page - Integral Corp. IZ12291M Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IZ12291M
3
Memory protection
In any error detection, the memory contents present before the error detection are protected.
Memory indication
If the memory content is not zero, “M” is indicated in the sign-digit position.
Key bounce protection
Front edge
Minimum 3 words
Trailing edge
Minimum 16 words
1 word is 3.3ms when display frequency is Fd = 100Hz.
Auto power OFF
Power automatically turns off after 7 - 8 minutes pass from the last key pressure. By connecting
the APODISB pin to GND or VCC, the auto power off function is disabled or enabled, respectively.
,
,
,
H1
H2
H3
H2
H3
,
,
,
,
c10
c9
b9a9 c8
b8a8 c7
b7a7 c6
b6a6 c5
b5a5 c4
b4a4 c3
b3a3 c2
b2a2 c1
b1a1
b10a10
CLEAR KEY DESCRIPTION
ON/C key
• Power-on function.
• All operations are cleared by the ON/C key (except memory contents).
CE key
• CE key can edit the last operand or operator.
MARK-UP AND MARK-DOWN CALCULATION
ENTRY
DISPLAY
A
A
A
A
+/-
×
A
A
B
B
B
B
%
%
A
± AM/100
AM/100
+ OR -
AM/100
=
A + AM/100 OR A –
AM/100
Note: AM: AMOUNT
Mirror LCD with IZ12291M


Número de pieza similar - IZ12291M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ1229M INTEGRAL-IZ1229M Datasheet
108Kb / 6P
   10-DIGITS CALCULATOR
More results

Descripción similar - IZ12291M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integral Corp.
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ1229M INTEGRAL-IZ1229M Datasheet
108Kb / 6P
   10-DIGITS CALCULATOR
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
   Scientific 10 Digits LCD Calculator
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
   10/12 digit calculator
TC34014AS FUMAN-TC34014AS Datasheet
367Kb / 12P
   10/12 digit calculator
logo
ELAN Microelectronics C...
EM34014 EMC-EM34014 Datasheet
583Kb / 20P
   10/12 DIGIT CALCULATOR
logo
SHENZHEN FUMAN ELECTRON...
TC34014BS FUMAN-TC34014BS Datasheet
186Kb / 12P
   10/12 digit calculator
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com