Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSM7584D Datasheet(PDF) 51 Page - OKI electronic componets

No. de pieza MSM7584D
Descripción Electrónicos  pi/4 Shift QPSK MODEM/ADPCM CODEC
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7584D Datasheet(HTML) 51 Page - OKI electronic componets

Back Button MSM7584D Datasheet HTML 47Page - OKI electronic componets MSM7584D Datasheet HTML 48Page - OKI electronic componets MSM7584D Datasheet HTML 49Page - OKI electronic componets MSM7584D Datasheet HTML 50Page - OKI electronic componets MSM7584D Datasheet HTML 51Page - OKI electronic componets MSM7584D Datasheet HTML 52Page - OKI electronic componets MSM7584D Datasheet HTML 53Page - OKI electronic componets MSM7584D Datasheet HTML 54Page - OKI electronic componets MSM7584D Datasheet HTML 55Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
¡ Semiconductor
MSM7584D
51/58
FEDL7584D-02
DATA CONFIGURATION IN THE EXTERNAL SERIAL REGISTER
X Address Space
The address space of the external serial register is accessed based on (word direction indicated
by the X address) ¥ (1 Kb depth in Y direction). The maximum X address in word direction
depends on the total memory capacity of serial registers connected. Since the leading 32 words
(32 Kb) of the serial register are used as the channel index area, X address 020h onward can be
used as the voice data area.
CR5-B5
01
1
Total Memory Capacity
(device name)
1 Mb
(MSM6389)
4 Mb
(MSM6684)
8 Mb
(MSM6685)
Number of words
1K words
4K words
8K words
X address*
000h to 3FFh
0000h to 0FFFh
0000h to 1FFFh
* 0000h to 001Fh are used as the channel index area.
Y Address Space
For 1 Kb ADPCM data in Y direction, 4 bits ¥ 256 samples = 1024 bits are stored in the 1 Kb
memory area. One Y address is allocated to one sample (4 bits) of ADPCM data and addressing
is made with 00h to FFh.
000h
01Fh
020h
3FFh
X address (1 K words of 000h to 3FFh : 1 word = 1 Kb)
Channel index area (32 words ¥ 1 Kb + 32 Kb)
ADPCM (voice) data area
1 Kb in Y direction
1 word = 1 Kb
00h
01h
FEh
FFh
Y address
4 bit
4 bit
4 bit
4 bit
Figure 16 Address Space of 1 Mb Serial Register


Número de pieza similar - MSM7584D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
MSM7584C OKI-MSM7584C Datasheet
307Kb / 57P
   pi /4 Shift QPSK MODEM/ADPCM CODEC
MSM7584CTS-K OKI-MSM7584CTS-K Datasheet
307Kb / 57P
   pi /4 Shift QPSK MODEM/ADPCM CODEC
More results

Descripción similar - MSM7584D

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
MSM7584C OKI-MSM7584C Datasheet
307Kb / 57P
   pi /4 Shift QPSK MODEM/ADPCM CODEC
MSM7586-01 OKI-MSM7586-01 Datasheet
284Kb / 42P
   pie/4 Shift QPSK MODEM/ADPCM CODEC
logo
List of Unclassifed Man...
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
   ?/4 Shift QPSK MODEM
MSM7582B ETC2-MSM7582B Datasheet
2Mb / 25P
   ?/4 Shift QPSK MODEM
logo
LAPIS Semiconductor Co....
MSM7582B LAPIS-MSM7582B Datasheet
2Mb / 25P
   ?/4 Shift QPSK MODEM
logo
OKI electronic componet...
MSM7582 OKI-MSM7582 Datasheet
181Kb / 24P
   pie/4 Shift QPSK MODEM
MSM7583 OKI-MSM7583 Datasheet
215Kb / 23P
   pie/4 Shift QPSK MODEM
logo
Samsung semiconductor
S5T8610 SAMSUNG-S5T8610 Datasheet
248Kb / 27P
   DIGITAL CLP MODEM WITH ADPCM CODEC
logo
Motorola, Inc
MC14LC5540 MOTOROLA-MC14LC5540 Datasheet
193Kb / 18P
   ADPCM Codec
MC145540 MOTOROLA-MC145540 Datasheet
854Kb / 116P
   ADPCM Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com