Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AN79N00 Datasheet(PDF) 1 Page - Panasonic Semiconductor

No. de pieza AN79N00
Descripción Electrónicos  3-pin Negative Output Voltage Regulator 300mA Type
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANASONIC [Panasonic Semiconductor]
Página de inicio  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN79N00 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AN79N00 Datasheet HTML 1Page - Panasonic Semiconductor AN79N00 Datasheet HTML 2Page - Panasonic Semiconductor AN79N00 Datasheet HTML 3Page - Panasonic Semiconductor AN79N00 Datasheet HTML 4Page - Panasonic Semiconductor AN79N00 Datasheet HTML 5Page - Panasonic Semiconductor AN79N00 Datasheet HTML 6Page - Panasonic Semiconductor AN79N00 Datasheet HTML 7Page - Panasonic Semiconductor AN79N00 Datasheet HTML 8Page - Panasonic Semiconductor AN79N00 Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AN79N00 Series
3-pin Negative Output Voltage Regulator (300mA Type)
s Overview
The AN79N00 series is 3-pin fixed negative output volt-
age regulators. Stabilized fixed output voltage is obtained
from unstable DC input voltage without using any exter-
nal components. 12 types of output voltage are available
; –4V, –5V, –6V, –7V, –8V, –9V, –10V, –12V, –15V,
–18V, –20V and –24V. They can be used widely in power
circuits with current capacitance up to 300mA.
s Features
• No external components
• Output voltage : –4V, –5V, –6V, –7V, –8V, –9V,
–10V, –12V, –15V, –18V, –20V, –24V
• Short-circuit current limiting built-in
• Thermal overload protection built-in
• Output transistor safe area compensation
s Block Diagram
Unit:mm
8.0
3.05
0.75
±0.25
0.5
±0.1
0.5
±0.25
2.3
4.6
1.76
1 : Common
2 : Input
3 : Output
JEDEC : TO-126 (SSIP003-P-0000E)
1.44
+ 0.5
– 0.1
12
3
1
3
2
Common
Output
Input
Starter
Voltage
Reference
Error Amp.
+
R1
Q1
Pass Tr.
RSC
Current
Limiter
Thermal
Protection
R2


Número de pieza similar - AN79N00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AN7900F PANASONIC-AN7900F Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
logo
List of Unclassifed Man...
AN7905 ETC2-AN7905 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Panasonic Semiconductor
AN7905F PANASONIC-AN7905F Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
AN7905T PANASONIC-AN7905T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
More results

Descripción similar - AN79N00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Panasonic Semiconductor
AN78N00 PANASONIC-AN78N00 Datasheet
64Kb / 9P
   3-pin Positive Output Voltage Regulator 300mA Type
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
   3-pin negative output voltage regulator
AN79L07 PANASONIC-AN79L07 Datasheet
175Kb / 12P
   3-pin negative output voltage regulator (100 mA type)
AN79M00 PANASONIC-AN79M00 Datasheet
70Kb / 9P
   3-pin Negative Output Voltage Regulators 500mA Type
AN7900T PANASONIC-AN7900T Datasheet
102Kb / 8P
   3-pin Negative Output Voltage Regulators 1A Type
logo
Taiwan Semiconductor Co...
TS7900A TSC-TS7900A Datasheet
156Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
TS7900 TSC-TS7900 Datasheet
171Kb / 7P
   3-Terminal Fixed Negative Output Voltage Regulator
logo
Panasonic Semiconductor
AN78L00 PANASONIC-AN78L00 Datasheet
66Kb / 9P
   3-pin Positive Output Voltage Regulator 100mA Type
AN7800 PANASONIC-AN7800 Datasheet
67Kb / 8P
   3-pin Positive Output Voltage Regulator 1A Type
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com