Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM5954AM28-E1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza AM5954AM28-E1
Descripción Electrónicos  4-CHANNEL BTL MOTOR DRIVER FOR DVD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

AM5954AM28-E1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AM5954AM28-E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM5954AM28-E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Preliminary Datasheet
Apr. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
4-CHANNEL BTL MOTOR DRIVER FOR DVD
AM5954A
Figure 3. Functional Block Diagram of AM5954A
Functional Block Diagram
7.5K
20K
10K
2
10K
25K
SLED
DRIVER
ACUATOR
DRIVER
20k
10k
7.5k
7.5k
LOADING
DRIVER
ACTUATOR
DRIVER
STBY
BIAS
V
INTK
CTKerr1
CTKerr2
V
INLD
GND
PV
CC2
VNFTK
PGND
VOLD-
VOLD+
VOTK-
VOTK+
V
INFC
CFCerr1
CFCerr2
V
INSL+
V
INSL-
VOSL
VNFFC
V
CC
PV
CC1
PGND
VOSL-
VOSL+
VOFC-
VOFC+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
STAND-
BY
THERMAL
SHUT DOWN
10K
PV
CC2
PV
CC1
PV
CC2
V
CC
V
CC
PV
CC1
7.5k
15k
2


Número de pieza similar - AM5954AM28-E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AM5954AM28-E1 BCDSEMI-AM5954AM28-E1 Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results

Descripción similar - AM5954AM28-E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
BCD Semiconductor Manuf...
AZ5954 BCDSEMI-AZ5954 Datasheet
175Kb / 13P
   4-CHANNEL BTL MOTOR DRIVER FOR CD-ROM/DVD
logo
NXP Semiconductors
TZA1048 PHILIPS-TZA1048 Datasheet
104Kb / 17P
   4-channel BTL driver for CD/DVD drives
2004 Mar 09
logo
BCD Semiconductor Manuf...
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
   5-channel BTL Driver for DVD player
May 2010 V1.6T
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
   5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
   5-channel BTL Driver for DVD player
Oct 2005 V1.3
logo
Rohm
BA5983FP ROHM-BA5983FP_1 Datasheet
470Kb / 7P
   BTL Driver For DVD-ROM
logo
Unisonic Technologies
UA8888S UTC-UA8888S Datasheet
143Kb / 8P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com